전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NJU39612 데이터시트(PDF) 1 Page - New Japan Radio

부품명 NJU39612
상세설명  MICROSTEPPING MOTOR CONTROLLER WITH DUAL DAC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NJRC [New Japan Radio]
홈페이지  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU39612 데이터시트(HTML) 1 Page - New Japan Radio

  NJU39612 Datasheet HTML 1Page - New Japan Radio NJU39612 Datasheet HTML 2Page - New Japan Radio NJU39612 Datasheet HTML 3Page - New Japan Radio NJU39612 Datasheet HTML 4Page - New Japan Radio NJU39612 Datasheet HTML 5Page - New Japan Radio NJU39612 Datasheet HTML 6Page - New Japan Radio NJU39612 Datasheet HTML 7Page - New Japan Radio NJU39612 Datasheet HTML 8Page - New Japan Radio NJU39612 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
NJU39612
Figure 1. Block Diagram
VDD
VRef
CS
A0
WR
D7 - D0
RESET
V
ss
Sign 2
DA
2
Sign
1
DA
1
D / A
D / A
E1
E2
POR
NJU39612
E
C
D
R
DA- Data 1
E
C
D
R
DA- Data 2
R
s FEATURES
• Analog control voltages from 3V down to 0.0V
• High-speed microprocessor interface
• Full -scale error
±1 LSB
• Fast conversion speed
3
µs
• Matches the dual stepper motor drivers
• Package
EMP20
s BLOCK DIAGRAM
NJU39612E2
NJU39612 is a dual 7-bit+sign; Digital-to-Analog Converter
(DAC) developed to be used in micro stepping applications
together with the dual stepper motor driver. The NJU39612
has a set of input registers connected to an 8-bit data port for
easy interfacing directly to a microprocessor. Two registers
are used to store the data for each seven-bit DAC, the eighth
bit being a sign bit (sign/magnitude coding).
MICROSTEPPING MOTOR CONTROLLER WITH DUAL DAC
s GENERAL DESCRIPTION
s PACKAGE OUTLINE


유사한 부품 번호 - NJU39612

제조업체부품명데이터시트상세설명
logo
New Japan Radio
NJU39610 NJRC-NJU39610 Datasheet
157Kb / 11P
   MICROSTEPPING MOTOR CONTROLLER WITH DUAL DAC
NJU39610D2 NJRC-NJU39610D2 Datasheet
157Kb / 11P
   MICROSTEPPING MOTOR CONTROLLER WITH DUAL DAC
NJU39610FM2 NJRC-NJU39610FM2 Datasheet
157Kb / 11P
   MICROSTEPPING MOTOR CONTROLLER WITH DUAL DAC
More results

유사한 설명 - NJU39612

제조업체부품명데이터시트상세설명
logo
New Japan Radio
NJU39610 NJRC-NJU39610 Datasheet
157Kb / 11P
   MICROSTEPPING MOTOR CONTROLLER WITH DUAL DAC
logo
List of Unclassifed Man...
IM2000S ETC-IM2000S Datasheet
142Kb / 16P
   HIGH PERFORMANCE MICROSTEPPING STEP MOTOR CONTROLLER
logo
STMicroelectronics
L6482 STMICROELECTRONICS-L6482 Datasheet
1,012Kb / 73P
   cSPIN?? microstepping motor controller with motion engine and SPI
logo
Asahi Kasei Microsystem...
AP1021AEN AKM-AP1021AEN Datasheet
933Kb / 24P
   32V Dual Microstepping Motor Driver IC with SPI
AP1021 AKM-AP1021 Datasheet
933Kb / 24P
   32V Dual Microstepping Motor Driver IC with SPI
logo
Shindengen Electric Mfg...
MTD2525J SHINDENGEN-MTD2525J Datasheet
137Kb / 7P
   DMOS Microstepping Dual PWM Motor Driver
MTD2525JE SHINDENGEN-MTD2525JE Datasheet
137Kb / 7P
   DMOS Microstepping Dual PWM Motor Driver
logo
IXYS Corporation
IXMS150PSI IXYS-IXMS150PSI Datasheet
464Kb / 10P
   High Performance Dual PWM Microstepping Controller
logo
Allegro MicroSystems
SLA7042M ALLEGRO-SLA7042M Datasheet
99Kb / 8P
   MICROSTEPPING, UNIPOLAR PWM, HIGH-CURRENT MOTOR CONTROLLER/DRIVER
logo
Shindengen Electric Mfg...
MTD2017G SHINDENGEN-MTD2017G Datasheet
120Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com