전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FW-7582A 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 FW-7582A
상세설명  Cost Effective Network Security Platform with Intel짰 3rd Generation (Ivy Bridge) Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

FW-7582A 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  FW-7582A Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-7582A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
connect@lannerinc.com
www.lannerinc.com
Specifications are subject to change without notice
FW-7582
Cost Effective Network Security
Platform with Intel® 3rd Genera-
tion (Ivy Bridge) Processor
Features
Intel® 3rd generation (Ivy
Bridge) Processors support
The FW-7582 is compatible with
both 2nd and 3rd* generation
Intel® CoreTM processors. The 3rd
generation Intel CoreTM proces-
sor is the first 22nm CPU in the
market, it delivers increased
performance with lower power,
also enables multiple capabilities
enhancing connectivity, respon-
siveness and security.
*Older units may require BIOS update.
H61 Chipset
Designed for scalability and cost
optimization platforms, the Intel
H61 Express Chipset enables 1
DIMM per channel of DDR3 1333
MHz and a balanced platform for
everyday computing needs.
Intel® Hyper-Threading
Technology
The Intel® Hyper-Threading Tech-
nology is capable of delivering
thread-level parallelism on each
processor resulting in the
more efficient use of processor
resources - higher processing
throughout.
Lanner Generation 3 Bypass
Each pair of bypass ports can be
programmed to turn on and off
through the BIOS, Generation 3
bypass also allows data packet
through when the appliance is
powering on and off.
Watchdog
The embedded watchdog moni-
tors the system and automati-
Dimensions: 431 x 44 x 305 mm
2 x USB
6x GbE Ports
3x Cooling Fans
LCD Module
Console Port
cally triggers a reset if software
hangs.


유사한 부품 번호 - FW-7582A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FW-7581 ETC2-FW-7581 Datasheet
228Kb / 2P
   Unified Communication Network Appliance with Intel G41 Chipset
FW-7581A ETC2-FW-7581A Datasheet
228Kb / 2P
   Unified Communication Network Appliance with Intel G41 Chipset
FW-7581B ETC2-FW-7581B Datasheet
228Kb / 2P
   Unified Communication Network Appliance with Intel G41 Chipset
FW-7584A ETC2-FW-7584A Datasheet
166Kb / 2P
   Rackmount x86 Network Security Platform with 4th Generation Intel짰 Core짰 i7/i5/i3 Series processor
FW-7585 ETC2-FW-7585 Datasheet
289Kb / 4P
   Rackmount x86 Network Security Platform Based on 4th Generation Intel짰 Core짰 i7/i5/i3 Series processor
More results

유사한 설명 - FW-7582A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FW-7610 ETC2-FW-7610 Datasheet
191Kb / 2P
   1U Cost Effective Network Platform with Intel짰 Celeron 827E/847E processor
logo
Advantech Co., Ltd.
AIMB-782 ADVANTECH-AIMB-782 Datasheet
2Mb / 2P
   3rd generation Intel짰 Core??processor-based platform
logo
List of Unclassifed Man...
FW-7551 ETC2-FW-7551 Datasheet
343Kb / 4P
   Desktop x86 Network Security Platform with Intel짰 Atom짰 C2000 Processor
FW-7571 ETC2-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor
logo
Advantech Co., Ltd.
ARK-DS262 ADVANTECH-ARK-DS262 Datasheet
2Mb / 2P
   3rd Generation Intel짰 Core??i7 Processor-based Digital Signage Platform
logo
List of Unclassifed Man...
FW-7584A ETC2-FW-7584A Datasheet
166Kb / 2P
   Rackmount x86 Network Security Platform with 4th Generation Intel짰 Core짰 i7/i5/i3 Series processor
FW-7573 ETC2-FW-7573 Datasheet
363Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2000 Series processor
logo
Lanner All Rights Reser...
FW-7571 LANNER-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor (Codenamed ?쏳angeley??
FW-7551 LANNER-FW-7551 Datasheet
502Kb / 4P
   Desktop x86 Network Security Platform with Intel짰 Atom짰 C2000 Processor (Codenamed ?쏳angeley??
FW-7573 LANNER-FW-7573 Datasheet
363Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2000 Series processor (Codenamed ?쏳angeley??
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com