전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FW-8758 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 FW-8758
상세설명  1U Intel Cost-Effective Network Platform with Intel H61 Chipset and Support for Intel Celeron Low Power Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

FW-8758 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  FW-8758 Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-8758 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
connect@lannerinc.com
www.lannerinc.com
Specifications are subject to change without notice
FW-8758
1U Intel Cost-Effective Network Platform
with Intel H61 Chipset and Support for
Intel Celeron Low Power Processor
Features
Intel® 2nd and 3rd generation
Processors support
The FW-8758 is compatible with
both 2nd and 3rd* generation
Intel® CoreTM processors.The 3rd
generation Intel CoreTM proces-
sor is the first 22nm CPU in the
market, it delivers increased
performance with lower power,
also enables multiple capabilities
enhancing connectivity,responsive
ness and security.
*Older units may require BIOS
update.
Intel® Hyper-Threading
Technology
The Intel® Hyper-Threading
Technology is capable of deliver-
ing thread-level parallelism on
each processor, resulting in the
more efficient use of processor
resources - higher processing
throughout.
H61 Chipset
Designed for scalability and cost
optimization platforms, the Intel
H61 Express Chipset inside the
FW-8758 supports up to 8GB
of unbuffered, non-ECC DDR3
memory (Dual Channel) and a
balanced platform for everyday
computing needs.
Lanner Generation 3 Bypass
Each pair of bypass ports can be
programmed to turn on and off
through the BIOS, Generation 3
bypass also allows data packet
through when the appliance is
powering on and off.
Reset
2 x USB
Console Port
6xGbE LAN Ports
Optional Module
LCD Module
Watchdog
The embedded watchdog moni-
tors the system so that it can
automatically trigger a reset if
software hangs. This is an essen-
tial feature of a network
appliance.
Dimensions: 431 x 44 x 415 mm
3 x CPU Fans & 1 System Fan


유사한 부품 번호 - FW-8758

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FW-8750 ETC2-FW-8750 Datasheet
293Kb / 2P
   A hybrid networking solution built for performance and security
FW-8756A ETC2-FW-8756A Datasheet
172Kb / 2P
   1U Rackmount Network Appliance With Support For Multiple Processors
FW-8756B ETC2-FW-8756B Datasheet
172Kb / 2P
   1U Rackmount Network Appliance With Support For Multiple Processors
FW-8759 ETC2-FW-8759 Datasheet
354Kb / 4P
   Rackmount x86 Network Security Platform Based on 4th Generation Intel짰 Xeon E3-1200 v3 or Core짰 i7/i5/i3 Series processor
FW-8759A ETC2-FW-8759A Datasheet
354Kb / 4P
   Rackmount x86 Network Security Platform Based on 4th Generation Intel짰 Xeon E3-1200 v3 or Core짰 i7/i5/i3 Series processor
More results

유사한 설명 - FW-8758

제조업체부품명데이터시트상세설명
logo
Axiomtek Co., Ltd.
NA-360 AXIOMTEK-NA-360_17 Datasheet
170Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Celeron Processor 725C
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Atom Processor
NA343 AXIOMTEK-NA343 Datasheet
224Kb / 1P
   Desktop Network Appliance Platform with Intel Celeron
logo
List of Unclassifed Man...
G4V300-D ETC2-G4V300-D Datasheet
275Kb / 2P
   Intel Pentium 4 Processor and Intel Celeron Processor
FW-7610 ETC2-FW-7610 Datasheet
191Kb / 2P
   1U Cost Effective Network Platform with Intel짰 Celeron 827E/847E processor
logo
Axiomtek Co., Ltd.
NA343 AXIOMTEK-NA343_17 Datasheet
228Kb / 1P
   Desktop Network Appliance Platform with Intel Celeron N3060/N3160 Processor and 4 LANs
NA342R AXIOMTEK-NA342R_17 Datasheet
250Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Celeron Processor J1900 up to 2.42 GHz and 6 LANs
NA343R AXIOMTEK-NA343R_17 Datasheet
213Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Celeron Processor N3160 up to 2.24 GHz and 6 LANs
NA345 AXIOMTEK-NA345_17 Datasheet
394Kb / 1P
   Desktop Network Appliance Platform with Intel Pentium Processor N4200/ Celeron Processor N3350 and 4 LANs
logo
List of Unclassifed Man...
FW-8860 ETC2-FW-8860 Datasheet
212Kb / 2P
   1U Intel Core 2 Quad Network 1U Intel Core 2 Quad Network
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com