전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FW-8896E 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 FW-8896E
상세설명  High Performance 2U Rackmount Network Security System Based on Intel Xeon E5-2600 v3 Series CPU and C612 Chipset
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

FW-8896E 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  FW-8896E Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-8896E Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Lanner Electronics Inc. All rights reserved.
All product specifications are subject to change without notice.
connect@lannerinc.com | www.lannerinc.com
FW-8896A
2U Rackmount Network Security System based on Intel Grantley platform, 2xHaswell-EP CPU socket + PCH C612, with
DH8925 + 600W AC PSU +1x 3.5’’ HDD bay + 8 NIC module slots
FW-8896B
2U Rackmount Network Security System based on Intel Grantley platform, 2xHaswell-EP CPU socket + PCH C612, 600W
AC PSU +1x 3.5’’ HDD bay + 8 NIC module slots
FW-8896C
2U Rackmount Network Security System based on Intel Grantley platform, 2xHaswell-EP CPU socket + PCH C612, with
DH8925 + 800W AC PSU +1x 3.5’’ HDD bay + 8 NIC module slots
FW-8896D
2U Rackmount Network Security System based on Intel Grantley platform, 2xHaswell-EP CPU socket + PCH C612, 800W
AC PSU +1x 3.5’’ HDD bay + 8 NIC module slots
FW-8896E
2U Rackmount Network Security System based on Intel Grantley platform, 2xHaswell-EP CPU socket + PCH C612, with
DH8925 + 600W AC PSU +2x 2.5’’ external HDD bay + 8 NIC module slots
FW-8896F
2U Rackmount Network Security System based on Intel Grantley platform, 2xHaswell-EP CPU socket + PCH C612, 600W
AC PSU +2x 2.5’’ external HDD bay + 8 NIC module slots
FW-8896G
2U Rackmount Network Security System based on Intel Grantley platform, 2xHaswell-EP CPU socket + PCH C612, with
DH8925 + 800W AC PSU +2x 2.5’’ external HDD bay + 8 NIC module slots
FW-8896H
2U Rackmount Network Security System based on Intel Grantley platform, 2xHaswell-EP CPU socket + PCH C612, 800W
AC PSU +2x 2.5’’ external HDD bay + 8 NIC module slots
Product I/O View
Dimensions 438 x 88 x 600 mm
Ordering Information
V.3-2015.8.25
A
B
C
LCM
Management Port
Console Port
D
E
F Swappable Drive Bays
Swappable Fans
RPS
G
NIC Module
A
B
C
E
D
F
A
B
C
G
D
E
G
88
438
600


유사한 부품 번호 - FW-8896E

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FW-8892 ETC2-FW-8892 Datasheet
138Kb / 2P
   Dual CPU Intel Xeon 5600/5500 Network Appliance
FW-8892A ETC2-FW-8892A Datasheet
138Kb / 2P
   Dual CPU Intel Xeon 5600/5500 Network Appliance
FW-8892B ETC2-FW-8892B Datasheet
138Kb / 2P
   Dual CPU Intel Xeon 5600/5500 Network Appliance
FW-8893 ETC2-FW-8893 Datasheet
144Kb / 2P
   1U Rack mount network security system utilizing the cutting edge capabilities of the Intel Crystal Forest platform
FW-8893A ETC2-FW-8893A Datasheet
144Kb / 2P
   1U Rack mount network security system utilizing the cutting edge capabilities of the Intel Crystal Forest platform
More results

유사한 설명 - FW-8896E

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FW-8894 ETC2-FW-8894 Datasheet
162Kb / 2P
   High Performance 1U Rackmount Network Security System Based on Intel Xeon E5-2600 v3 Series CPU and C612 Chipset
FW-8895 ETC2-FW-8895 Datasheet
171Kb / 4P
   High Performance 2U Rackmount Network Security System based on Intel Xeon E5-2600 v1 and v2 Series CPU with C600 chipset
logo
Advantech Co., Ltd.
AGS-913 ADVANTECH-AGS-913 Datasheet
900Kb / 2P
   1U Rackmount Intel Xeon E5-2600 v3 GPU server
AVS-540 ADVANTECH-AVS-540_16 Datasheet
639Kb / 2P
   4U Rackmount Intel Xeon E5-2600
FWA-6520 ADVANTECH-FWA-6520_15 Datasheet
555Kb / 2P
   Intel짰 Xeon짰 E5-2600 v3 Processor-based 2U Network Application Platform
AGS-910 ADVANTECH-AGS-910 Datasheet
879Kb / 2P
   1U Rackmount Intel Xeon E5-2600/2600 v2 GPU server
logo
List of Unclassifed Man...
FW-8877 ETC2-FW-8877 Datasheet
549Kb / 4P
   Intel Xeon짰 E5-2600 v1/v2 Processor-based Rackmount 1U x86 Network Security Platform
FX-5220 ETC2-FX-5220 Datasheet
194Kb / 2P
   High performance 2U server rackmount network security platform
FW-8771 ETC2-FW-8771 Datasheet
431Kb / 4P
   Rackmount x86 Network Security Platform Based on Intel짰 Xeon짰 E3-1200 v3 processor
logo
Advantech Co., Ltd.
SKY-7221 ADVANTECH-SKY-7221 Datasheet
1Mb / 2P
   2U High Performance Rackmount Server with Intel Xeon Scalable Processor Family
17-Nov-2021
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com