전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3475 데이터시트(PDF) 11 Page - Texas Instruments

부품명 LM3475
상세설명  LM3475 Hysteretic PFET Buck Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3475 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM3475_15 Datasheet HTML 7Page - Texas Instruments LM3475_15 Datasheet HTML 8Page - Texas Instruments LM3475_15 Datasheet HTML 9Page - Texas Instruments LM3475_15 Datasheet HTML 10Page - Texas Instruments LM3475_15 Datasheet HTML 11Page - Texas Instruments LM3475_15 Datasheet HTML 12Page - Texas Instruments LM3475_15 Datasheet HTML 13Page - Texas Instruments LM3475_15 Datasheet HTML 14Page - Texas Instruments LM3475_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
VOUT = 2.5V/2A
CIN
COUT
RFB1
RFB2
L1
D1
Q1
10 PF
100 PF
10 PH
1k
2.15k
Si2343
LM3475
VIN
EN
GND
PGATE
FB
1
2
3
4
5
CFF
1 nF
VIN = 5V
LM3475
www.ti.com
SNVS239C – OCTOBER 2004 – REVISED OCTOBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM3475 employs a hysteretic control architecture; which provides excellent load transient response and
efficiency even at light loads, as compared to its PWM architectures. No external compensation is required which
results in a simple design and low component count. A typical schematic is described in the next section.
8.2 Typical Application
Figure 10. Full Demo Board Schematic
8.2.1 Design Requirements
To properly size the components for the application, the designer needs the following parameters: input voltage
range, output voltage, output current range, and required switching frequency. These four main parameters affect
the choices of component available to achieve a proper system behavior. Although hysteretic control is a simple
control scheme, the operating frequency and other performance characteristics depend on external conditions
and components. If the inductance, output capacitance, ESR, VIN, or Cff is changed, there will be a change in
the operating frequency and possibly output ripple. Therefore, care must be taken to select components which
will provide the desired operating range.
8.2.2 Detailed Design Procedure
Table 1. Bill of Materials
DESIGNATOR
DESCRIPTION
PART NUMBER
VENDOR
CIN
10 µF, 16 V, X5R
EMK325BJ106MN
TAIYO YUDEN
COUT
100 µF, 6 V, Ta
TPSY107M006R0100
AVX
CFF
1 nF, 25 V, X7R
VJ1206Y102KXXA
Vishay
D1
Schottky, 20 V, 2 A
CMSH2-20L
Central Semiconductor
L1
10 µH, 3.1 A
CDRH103R100
Sumida
Q1
30 V, 2.5 A
Si2343
Vishay
RFB2
1 k
Ω, 0805, 1%
CRW08051001F
Vishay
RFB1
2.15 k
Ω, 0805, 1%
CRCW08052151F
Vishay
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3475


유사한 부품 번호 - LM3475_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results

유사한 설명 - LM3475_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485EVAL TI-LM3485EVAL Datasheet
1,023Kb / 22P
[Old version datasheet]   LM3485 Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com