전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3488MM 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3488MM
상세설명  LM3488/-Q1 High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3488MM 데이터시트(HTML) 4 Page - Texas Instruments

  LM3488MM Datasheet HTML 1Page - Texas Instruments LM3488MM Datasheet HTML 2Page - Texas Instruments LM3488MM Datasheet HTML 3Page - Texas Instruments LM3488MM Datasheet HTML 4Page - Texas Instruments LM3488MM Datasheet HTML 5Page - Texas Instruments LM3488MM Datasheet HTML 6Page - Texas Instruments LM3488MM Datasheet HTML 7Page - Texas Instruments LM3488MM Datasheet HTML 8Page - Texas Instruments LM3488MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
LM3488, LM3488-Q1
SNVS089N – JULY 2000 – REVISED DECEMBER 2014
www.ti.com
6.2 Handling Ratings : LM3488
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
–2000
2000
pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification
–750
750
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Handling Ratings: LM3488-Q1
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per AEC Q100-002(1)
–2000
2000
Corner pins (1, 4, 5,
–750
750
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per
and 8)
AEC Q100-011
Other pins
–750
750
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.4 Recommended Operating Conditions
MIN
MAX
UNIT
Supply Voltage
2.97
≤ VIN
VIN ≤ 40
V
Junction Temperature Range
−40 ≤ TJ
TJ ≤ 125
°C
Switching Frequency
100
≤ FSW
FSW ≤ 1 kHz/MH
z
6.5 Thermal Information
LM3488,
LM3488-Q1
THERMAL METRIC(1)
UNIT
DGK
8 PINS
RθJA
Junction-to-ambient thermal resistance
160
RθJC(top)
Junction-to-case (top) thermal resistance
50
RθJB
Junction-to-board thermal resistance
77
°C/W
ψJT
Junction-to-top characterization parameter
4.7
ψJB
Junction-to-board characterization parameter
76
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.6 Electrical Characteristics
Unless otherwise specified, VIN = 12 V, RFA = 40 kΩ, TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFB
Feedback Voltage
VCOMP = 1.4 V, 2.97 ≤ VIN ≤ 40 V
1.2507
1.26
1.2753
V
VCOMP = 1.4 V, 2.97 ≤ VIN ≤ 40 V,
1.24
1.28
−40°C ≤ TJ ≤ 125°C
ΔVLINE
Feedback Voltage Line Regulation
2.97
≤ VIN ≤ 40 V
0.001
%/V
ΔVLOAD
Output Voltage Load Regulation
IEAO Source/Sink
±0.5
%/V
(max)
VUVLO
Input Undervoltage Lock-out
2.85
V
−40°C ≤ TJ ≤ 125°C
2.97
VUV(HYS)
Input Undervoltage Lock-out Hysteresis
170
mV
−40°C ≤ TJ ≤ 125°C
130
210
4
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM3488 LM3488-Q1


유사한 부품 번호 - LM3488MM

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3488MM NSC-LM3488MM Datasheet
626Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488MM NSC-LM3488MM Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488MM NSC-LM3488MM Datasheet
503Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488MM TI-LM3488MM Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488MM TI-LM3488MM Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
More results

유사한 설명 - LM3488MM

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488MMX TI-LM3488MMX Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488 TI1-LM3488 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3488 NSC-LM3488 Datasheet
626Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3481 NSC-LM3481 Datasheet
445Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488MM TI-LM3488MM Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3488 NSC-LM3488_09 Datasheet
503Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3478 TI-LM3478_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM3478x/-Q1 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3481MM TI1-LM3481MM Datasheet
1Mb / 30P
[Old version datasheet]   LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com