전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM25088-Q1 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 LM25088-Q1
상세설명  LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM25088-Q1 데이터시트(HTML) 5 Page - Texas Instruments

  LM25088-Q1 Datasheet HTML 1Page - Texas Instruments LM25088-Q1 Datasheet HTML 2Page - Texas Instruments LM25088-Q1 Datasheet HTML 3Page - Texas Instruments LM25088-Q1 Datasheet HTML 4Page - Texas Instruments LM25088-Q1 Datasheet HTML 5Page - Texas Instruments LM25088-Q1 Datasheet HTML 6Page - Texas Instruments LM25088-Q1 Datasheet HTML 7Page - Texas Instruments LM25088-Q1 Datasheet HTML 8Page - Texas Instruments LM25088-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
LM25088, LM25088-Q1
www.ti.com
SNVS609J – DECEMBER 2008 – REVISED JANUARY 2015
7 Specifications
7.1 Absolute Maximum Ratings
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN, VOUT to GND
45
v
BOOT to GND
60
V
SW to GND
–2
45
V
VCC to GND
–0.3
16
V
HG to SW
–0.3
BOOT+0.3
V
EN to GND
14
V
BOOT to SW
–0.3
16
V
CS, CSG to GND
–0.3
0.3
V
All other inputs to GND
–0.3
7
V
Junction Temperature
+150
°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
−65
+150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
2
V(ESD)
Electrostatic discharge
kV
pins(1)(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
7.3 Recommended Operating Conditions
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN Voltage
4.5
42
V
VCC Voltage (externally supplied)
8.3
13
V
Operation Junction Temperature
–40
+125
°C
(1)
Operating Ratings are conditions under which operation of the device is intended to be functional. For ensured specifications and test
conditions, see the Electrical Characteristics.
7.4 Thermal Information
LM25088(Q1)
THERMAL METRIC(1)
PWP
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
40
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
6
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM25088 LM25088-Q1


유사한 부품 번호 - LM25088-Q1

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM25088MH-1 NSC-LM25088MH-1 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088MH-2 NSC-LM25088MH-2 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088MHX-1 NSC-LM25088MHX-1 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
More results

유사한 설명 - LM25088-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM5088QMH-1 TI-LM5088QMH-1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5141-Q1 TI-LM5141-Q1_V01 Datasheet
2Mb / 49P
[Old version datasheet]   LM5141-Q1 Wide Input Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com