전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM25119 데이터시트(PDF) 3 Page - Texas Instruments

부품명 LM25119
상세설명  LM25119/LM25119Q Wide Input Range Dual Synchronous Buck Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM25119 데이터시트(HTML) 3 Page - Texas Instruments

  LM25119_15 Datasheet HTML 1Page - Texas Instruments LM25119_15 Datasheet HTML 2Page - Texas Instruments LM25119_15 Datasheet HTML 3Page - Texas Instruments LM25119_15 Datasheet HTML 4Page - Texas Instruments LM25119_15 Datasheet HTML 5Page - Texas Instruments LM25119_15 Datasheet HTML 6Page - Texas Instruments LM25119_15 Datasheet HTML 7Page - Texas Instruments LM25119_15 Datasheet HTML 8Page - Texas Instruments LM25119_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LM25119/25119Q
www.ti.com
SNVS680G – AUGUST 2010 – REVISED JANUARY 2014
Pin Functions
Pin Descriptions
Pin
Name
Description
1
VCC1
Bias supply pin. Locally decouple to PGND1 using a low ESR/ESL capacitor located as close to
controller as possible.
2
LO1
Low side MOSFET gate drive output. Connect to the gate of the channel1 low-side synchronous
MOSFET through a short, low inductance path.
3
PGND1
Power ground return pin for low side MOSFET gate driver. Connect directly to the low side of the
channel1 current sense resistor.
4
CSG1
Kelvin ground connection to the external current sense resistor. Connect directly to the low side of the
channel1 current sense resistor.
5
CS1
Current sense amplifier input. Connect to the high side of the channel1 current sense resistor.
6
RAMP1
PWM ramp signal. An external resistor and capacitor connected between the SW1 pin, the RAMP1 pin
and the AGND pin sets the channel1 PWM ramp slope. Proper selection of component values
produces a RAMP1 signal that emulates the current in the buck inductor.
7
SS1
An external capacitor and an internal 10 µA current source set the ramp rate of the channel1 error amp
reference. The SS1 pin is held low when VCC1 or VCC2 < 4 V, UVLO < 1.25 V or during thermal
shutdown.
8
VCCDIS
Optional input that disables the internal VCC regulators when external biasing is supplied. If VCCDIS
>1.25 V, the internal VCC regulators are disabled. The externally supplied bias should be coupled to
the VCC pins through a diode. VCCDIS has a 500 k
Ω pull-down resistor to ground to enable the VCC
regulators when the pin is left floating. The pull-down resistor can be overridden by pulling VCCDIS
above 1.25 V with a resistor divider connected to the external bias supply.
9
FB1
Feedback input and inverting input of the channel1 internal error amplifier. A resistor divider from the
channel1 output to this pin sets the output voltage level. The regulation threshold at the FB1 pin is 0.8
V.
10
COMP1
Output of the channel1 internal error amplifier. The loop compensation network should be connected
between this pin and the FB1 pin.
11
EN2
If the EN2 pin is low, channel2 will be disabled. Channel1 and all other functions remain active. The
EN2 has a 50 k
Ω pull-up resistor to enable channel2 when the pin is left floating.
12
AGND
Analog ground. Return for the internal 0.8 V voltage reference and analog circuits.
13
RT
The internal oscillator is set with a single resistor between RT and AGND. The recommended
maximum oscillator frequency is 1.5 MHz which corresponds to a maximum switching frequency of 750
kHz for either channel. The internal oscillator can be synchronized to an external clock by coupling a
positive pulse into RT through a small coupling capacitor.
14
RES
The restart timer pin for an external capacitor that configures the hiccup mode current limiting. A
capacitor on the RES pin determines the time the controller will remain off before automatically
restarting in hiccup mode. The two regulator channels operate independently. One channel may
operate in normal mode while the other is in hiccup mode overload protection. The hiccup mode
commences when either channel experiences 256 consecutive PWM cycles with cycle-by-cycle current
limiting. After this occurs, a 10 µA current source charges the RES pin capacitor to the 1.25 V
threshold which restarts the overloaded channel.
15
COMP2
Output of the channel2 internal error amplifier. The loop compensation network should be connected
between this pin and the FB2 pin.
16
FB2
Feedback input and inverting input of the channel2 internal error amplifier. A resistor divider from the
channel2 output to this pin sets the output voltage level. The regulation threshold at the FB2 pin is 0.8
V.
17
DEMB
Logic input that enables diode emulation when in the low state. In diode emulation mode, the low side
MOSFET is latched off for the remainder of the PWM cycle when the buck inductor current reverses
direction (current flow from output to ground). When DEMB is high, diode emulation is disabled
allowing current to flow in either direction through the low side MOSFET. A 50 k
Ω pull-down resistor
internal to the LM25119 holds DEMB pin low and enables diode emulation if the pin is left floating.
18
SS2
An external capacitor and an internal 10 µA current source set the ramp rate of the channel2 error amp
reference. The SS2 pin is held low when VCC1 or VCC2 < 4 V, UVLO < 1.25 V or during thermal
shutdown.
19
RAMP2
PWM ramp signal. An external resistor and capacitor connected between the SW2 pin, the RAMP2 pin
and the AGND pin sets the channel2 PWM ramp slope. Proper selection of component values
produces a RAMP2 signal that emulates the current in the buck inductor.
20
CS2
Current sense amplifier input. Connect to the high side of the channel2 current sense resistor.
21
CSG2
Kelvin ground connection to the external current sense resistor. Connect directly to the low side of the
channel2 current sense resistor.
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM25119/25119Q


유사한 부품 번호 - LM25119_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
More results

유사한 설명 - LM25119_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM25119PSQE TI-LM25119PSQE Datasheet
1Mb / 33P
[Old version datasheet]   LM25119/LM25119Q Wide Input Range Dual Synchronous Buck Controller
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com