전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM72441 데이터시트(PDF) 8 Page - Texas Instruments

부품명 SM72441
상세설명  SM72441 Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SM72441 데이터시트(HTML) 8 Page - Texas Instruments

Back Button SM72441_15 Datasheet HTML 4Page - Texas Instruments SM72441_15 Datasheet HTML 5Page - Texas Instruments SM72441_15 Datasheet HTML 6Page - Texas Instruments SM72441_15 Datasheet HTML 7Page - Texas Instruments SM72441_15 Datasheet HTML 8Page - Texas Instruments SM72441_15 Datasheet HTML 9Page - Texas Instruments SM72441_15 Datasheet HTML 10Page - Texas Instruments SM72441_15 Datasheet HTML 11Page - Texas Instruments SM72441_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SM72441
SNOSB64G – OCTOBER 2010 – REVISED APRIL 2013
www.ti.com
CONFIGURABLE SETTINGS
The voltage on A0 sets the max output voltage; whereas the voltage on A2 enables MPPT update rate and limits
the max boost ratio when output current is below the standby threshold. Output current limit is set by the voltage
on A4 and output voltage slew rate limit is set on A6. In order to set a slew rate limit of 125V/sec, the ratio of the
two resistors in A6 should be 9:1.
The low current condition is detected if the voltage on AIIN is less than 0.488V (rising) and 0.293 (falling) +
ΔI or
if the voltage on AIOUT is less than 0.488 V (rising) and 0.293 (falling) +
ΔI. If low current is detected, the
converter operates in standby mode and limit the maximum duty cycle to either a 1 (buck-boost), 1.15 (boost) or
1.25 (boost) conversion ratio (programmable). In this case no MPPT will be performed.
The actual value of current will depend on the gain of the current sensing amplifier circuitry that feeds the AIIN
and AIOUT pins.
For more complete information on the various settings based on the voltage level of A2, please refer to Table 1
below. Vfs denotes the full scale voltage of the ADC which is equal to VDDA where VDDA is a reference voltage
to analog ground.
A typical value for top configuration resistors (RT1 to RT4) should be 20 k
Ω.
Table 1. List of Configurable Modes on ADC Channel 2
Low Current
ADC Channel 2
MPPT Update Time
Slew Rate Detection
Initial Boost Ratio
Delta I
Detection
0 < VADC2 < Vfs/16
1.2 ms
Disabled
Disabled
N/A
N/A
1Vfs/16 < VADC2 <2Vfs/16
38 ms
Disabled
Disabled
N/A
N/A
2Vfs/16 < VADC2 <3Vfs/16
77 ms
Disabled
Disabled
N/A
N/A
3Vfs/16 < VADC2 <4Vfs/16
38 ms
Enabled
Disabled
N/A
N/A
4Vfs/16 < VADC2 <5Vfs/16
38 ms
Enabled
Enabled
1.15
60 (0.3 A)
5Vfs/16 < VADC2 <6Vfs/16
38 ms
Enabled
Enabled
1.15
90 (0.45 A)
6Vfs/16 < VADC2 <7Vfs/16
38 ms
Enabled
Enabled
1.15
120(0.6 A)
7Vfs/16 < VADC2 <8Vfs/16
38 ms
Enabled
Enabled
1.25
60
8Vfs/16 < VADC2 <9Vfs/16
38 ms
Enabled
Enabled
1.25
90
9Vfs/16 < VADC2 <10Vfs/16
38 ms
Enabled
Enabled
1.25
120
10Vfs/16 < VADC2 <11Vfs/16
77 ms
Enabled
Enabled
1.15
60
11Vfs/16 < VADC2 <12Vfs/16
77 ms
Enabled
Enabled
1.15
90
12Vfs/16 < VADC2 <13Vfs/16
77 ms
Enabled
Enabled
1.15
120
13Vfs/16 < VADC2 <14Vfs/16
77 ms
Enabled
Enabled
1.25
60
14Vfs/16 < VADC2 <15Vfs/16
77 ms
Enabled
Enabled
1.25
90
15Vfs/16 < VADC2 <16Vfs/16
77 ms
Enabled
Enabled
1.25
120
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: SM72441


유사한 부품 번호 - SM72441_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
SM72442 NSC-SM72442 Datasheet
420Kb / 14P
   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
Texas Instruments
SM72442 TI-SM72442 Datasheet
753Kb / 21P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
National Semiconductor ...
SM72442MT NSC-SM72442MT Datasheet
420Kb / 14P
   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
Texas Instruments
SM72442MT/NOPB TI-SM72442MT/NOPB Datasheet
753Kb / 21P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
National Semiconductor ...
SM72442MTE NSC-SM72442MTE Datasheet
420Kb / 14P
   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
More results

유사한 설명 - SM72441_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
SM72442 NSC-SM72442 Datasheet
420Kb / 14P
   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
Texas Instruments
SM72442 TI-SM72442_15 Datasheet
753Kb / 21P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
BQ24650 TI-BQ24650 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
BQ24650EVM-639 TI1-BQ24650EVM-639 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
SM72445 TI1-SM72445 Datasheet
350Kb / 19P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
SM72445 TI-SM72445_15 Datasheet
780Kb / 20P
[Old version datasheet]   SM72445 Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
logo
NXP Semiconductors
MPT612 NXP-MPT612 Datasheet
617Kb / 37P
   Maximum power point tracking IC
Rev.2-14 September 2010
logo
Shenzhen Huazhimei Semi...
HM4072B HMSEMI-HM4072B Datasheet
1Mb / 11P
   4A multi-cell battery charge management IC with solar cell maximum power point tracking
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
logo
Shenzhen Huazhimei Semi...
HM4077 HMSEMI-HM4077 Datasheet
613Kb / 10P
   4A, 12V lead-acid battery charge management IC with solar cell maximum power point tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com