전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R_10018 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 R_10018
상세설명  Smart lighting A bright idea whose time has come
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

R_10018 데이터시트(HTML) 5 Page - NXP Semiconductors

  R_10018 Datasheet HTML 1Page - NXP Semiconductors R_10018 Datasheet HTML 2Page - NXP Semiconductors R_10018 Datasheet HTML 3Page - NXP Semiconductors R_10018 Datasheet HTML 4Page - NXP Semiconductors R_10018 Datasheet HTML 5Page - NXP Semiconductors R_10018 Datasheet HTML 6Page - NXP Semiconductors R_10018 Datasheet HTML 7Page - NXP Semiconductors R_10018 Datasheet HTML 8Page - NXP Semiconductors R_10018 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
R_10018
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Report
Rev. 1 — 20 December 2011
5 of 10
NXP Semiconductors
R_10018
Smart lighting: a bright idea whose time has come
3.
The GreenChip approach
A new smart lighting chip set from NXP Semiconductors, called GreenChip, creates a
wireless connection between the light bulb and a TCP/IP network. As shown in Figure 2,
the GreenChip solution includes a CFL or SSL driver, a standby power supply, and
hardware for wireless connectivity.
The dimmable SSL210x driver family, designed for SSL lamps, can provide up to 94 %
energy efficiency. It works with a number of LED supply topologies, including isolated
flyback, non-isolated buck-boost configurations, and antenna isolation as an option. The
dimmable UBA2027x, for CFL lamps, is a combination driver and controller that
addresses consumer complaints about CFLs. In particular, it provides deep dimming
capabilities similar to those of incandescent lamps, includes a "boost" function that
reduces the time from start-up to full light output, and extends lamp lifetimes to over
15,000 hours and up to 100,000 on/off switching cycles.
The JN514x wireless IC is a low-power combination of an RF transceiver and a dedicated
32-bit RISC CPU. It operates at a frequency of 2.4 GHz. Because of its short wavelength,
this frequency allows effective radiation from metal luminaires that usually surround the
lamps. The effective range of the system is increased compared to sub-GHz alternatives.
A software option on the JN514x provides capacitive touch key sensing functionality,
enabling cap-touch remote controls without requiring any additional ICs. Table 1 shows an
overview of the iCFL and iSSL reference designs available to support the most common
lamp types and supply topologies.
Fig 2.
The NXP GreenChip platform for smart lighting
Table 1.
iCFL and iSSL smart lighting reference designs
CFL
LED
Non-isolated LEDs and
antenna A19, BRx, PARx
Isolated LEDs and
non-isolated antenna
A19, BRx, PARx
Isolated LEDs and
isolated antenna TLED,
A19, BRx, PARx
PWM
dimming
-
SSL2108 buck;
TEA1721; JN514x
--
Analog
dimming
UBA2027x flyback;
TEA1721; JN514x
SSL2101 buck-boost;
TEA1721; JN514x
SSL2101 flyback;
TEA1721; JN514x
TEA1733 flyback;
TEA1721; JN514x


유사한 부품 번호 - R_10018

제조업체부품명데이터시트상세설명
logo
E-SWITCH
R010010 E-SWITCH-R010010 Datasheet
31Kb / 1P
   All Dimension In MM
logo
Integrated Technology F...
R31001 ITF-R31001 Datasheet
255Kb / 6P
   SAW Resonator
logo
Powerex Power Semicondu...
R5100110 POWEREX-R5100110 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5100115 POWEREX-R5100115 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R6100120 POWEREX-R6100120 Datasheet
686Kb / 6P
   General Purpose Rectifier (200-300 Amperes Average 1200 Volts)
More results

유사한 설명 - R_10018

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
PTCLL VISHAY-PTCLL Datasheet
95Kb / 3P
   Thermistors, Time Delay for Lighting
Revision: 30-Nov-15
PTCLL VISHAY-PTCLL_V01 Datasheet
94Kb / 3P
   PTC Thermistors, Time Delay for Lighting
01-Jan-2022
logo
Gamma Microelectronics ...
GM9601 GAMMA-GM9601 Datasheet
145Kb / 6P
   Universal LED Driver for Super Bright LED Lighting
logo
Analog Devices
ADIS16IMU1 AD-ADIS16IMU1 Datasheet
349Kb / 6P
   Here is a picture of the contents that come with
logo
Hammond Manufacturing L...
1457C802 HAMMOND-1457C802 Datasheet
930Kb / 1P
   Aluminum extrusion has a tolerance
logo
Renesas Technology Corp
HD404358 RENESAS-HD404358 Datasheet
385Kb / 102P
   microcomputer has an A/D converter,
HD404369 RENESAS-HD404369 Datasheet
421Kb / 117P
   microcomputer has an A/D converter
logo
KODENSHI_AUK CORP.
KB464AG52 KODENSHI-KB464AG52 Datasheet
274Kb / 3P
   KB464AG52 (KLB-521 G) is a high bright InGaP Green LED and has the optimized optical characteristics.
KB464AR61 KODENSHI-KB464AR61 Datasheet
273Kb / 3P
   KB464AR61 (KLB-521 R) is a high bright AlInGaP red LED and has the optimized optical characteristics.
logo
BCM Advanced Research.
EEV-MX01 BCM-EEV-MX01 Datasheet
206Kb / 1P
   GPU Development board for COMe Type6
2020/10/28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com