전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM3322ARA 데이터시트(PDF) 1 Page - Nippon Precision Circuits Inc

부품명 SM3322ARA
상세설명  Dark current compensation circuit built-in for stable signal output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3322ARA 데이터시트(HTML) 1 Page - Nippon Precision Circuits Inc

  SM3322ARA Datasheet HTML 1Page - Nippon Precision Circuits Inc SM3322ARA Datasheet HTML 2Page - Nippon Precision Circuits Inc SM3322ARA Datasheet HTML 3Page - Nippon Precision Circuits Inc SM3322ARA Datasheet HTML 4Page - Nippon Precision Circuits Inc SM3322ARA Datasheet HTML 5Page - Nippon Precision Circuits Inc SM3322ARA Datasheet HTML 6Page - Nippon Precision Circuits Inc SM3322ARA Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3322ARA Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3322ARA Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SM3322ARA
Optical Sensor IC
SEIKO NPC CORPORATION -
1
OVERVIEW
The SM3322ARA is a fluorescence detector IC with a built-in single picture element (pixel) photodiode of 1mm2 and programmable
signal conditioning circuit. The IC has an optical filter on chip with target condition 640nm ± 60nm, and it integrates all the elements
required for optical sensor into an ultra-miniature package. The signal condition circuit has a programmable gain amplifier with dark
current compensation circuit, so that it can operate in wider temperature range. With 3 addressing bits, up to 8 SM3322ARA can be
paralleled.
FEATURES
PACKAGE DIMENSIONS
▪ Optical filter on chip with target condition: 640nm ± 60nm
(Unit: mm)
▪ Dark current compensation circuit built-in for stable signal output
▪ Gain setting and output control function using serial interface
(DATA, SE, CLK, OE)
▪ Connection up to 8 devices in parallel according to 3-bit address setting
▪ Transimpedance range: 500k
Ω to 240MΩ
▪ Photodiode detector size: 2.3mm×0.6mm
(1.0mm2 photodetector surface area)
▪Anti-reflection film coating reduces responsivity fluctuations
due to wavelength
▪ Supply voltage range: 2.7 to 5.5V (single supply)
▪ Current consumption: 1.5mA(typ)@VDD=5V, no load
▪ Operating temperature range: -40 to +85°C
▪ Package: 12 pin HCOB
ORDERING INFORMATION
Device
Package
SM3322ARA
12 pin HCOB
TYPICAL APPLICATION CIRCUIT
Photodiode detector
A
B
3.2±0.1
X
Y
1.15 ±0.2
0.35
0.25
A
B
Photodiode detector dimensions(Origin:Package center)
XY
-1.15
1.15
-0.7
-0.1
Package type : 12pin HCOB
Package size : 3.2mm×5.5mm
Photodiode detector size : 2.3mm×0.6mm
(1.0mm2 photo detector surface area)
0.5
±0.05
ADC
CPU
SM3322ARA
IC1
SM3322ARA
IC2
SM3322ARA
IC3
ADC


유사한 부품 번호 - SM3322ARA

제조업체부품명데이터시트상세설명
logo
Sinopower Semiconductor...
SM3322NHQA SINOPWER-SM3322NHQA Datasheet
252Kb / 11P
   N-Channel Enhancement Mode MOSFET
SM3322NHQAC-TRG SINOPWER-SM3322NHQAC-TRG Datasheet
252Kb / 11P
   N-Channel Enhancement Mode MOSFET
More results

유사한 설명 - SM3322ARA

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM3320AGA NPC-SM3320AGA Datasheet
255Kb / 15P
   Dark current compensation circuit built-in for stable signal output
logo
ON Semiconductor
NOA1211 ONSEMI-NOA1211 Datasheet
148Kb / 9P
   Ambient Light Sensor with Dark Current Compensation
March, 2011 ??Rev. 0
NOA1212 ONSEMI-NOA1212 Datasheet
158Kb / 9P
   Ambient Light Sensor with Dark Current Compensation
August, 2012 ??Rev. 1
logo
Sanken electric
SAP16N SANKEN-SAP16N Datasheet
36Kb / 1P
   Built-in temperature compensation diodes
SAP09P SANKEN-SAP09P Datasheet
45Kb / 1P
   BUILT-IN TEMPERATURE COMPENSATION DIODES
SAP16P SANKEN-SAP16P Datasheet
36Kb / 1P
   Built-in temperature compensation diodes
logo
Delta Electronics, Inc.
DRL-24V240W1AX DELTA-DRL-24V240W1AX Datasheet
860Kb / 15P
   Built-in constant current circuit for reactive loads
logo
Sanken electric
SAP09N SANKEN-SAP09N Datasheet
46Kb / 1P
   BUILT-IN TEMPERATURE COMPENSATION DIODES / BUILT-IN EMITTER RESISTOR DARLINGTON
logo
SIFIRST TECHNOLOGIES NA...
SF6010R SIFIRST-SF6010R Datasheet
152Kb / 2P
   Built-in AC Line CC Compensation
logo
Rohm
BUXXSD5WG-E ROHM-BUXXSD5WG-E Datasheet
513Kb / 16P
   Built-in Over Current Protection Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com