전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM8142B 데이터시트(PDF) 2 Page - Nippon Precision Circuits Inc

부품명 SM8142B
상세설명  Noise-less smooth drive waveform
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8142B 데이터시트(HTML) 2 Page - Nippon Precision Circuits Inc

  SM8142B Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8142B Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8142B Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8142B Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8142B Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8142B Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8142B Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8142B Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SM8142B
SEIKO NPC CORPORATION - 2
PINOUT (Top view)
BLOCK DIAGRAM
▪ 8-pin SON
High Voltage
Switching Circuit
OUT1
OUT2
Oscillator for
Boosting Voltage and EL Driving
Dividing Circuit
Dividing Circuit
CHV
LDR
VDD
VSS
OSC
ENA
EL sheet
1
2
3
4
5
6
7
8
VSS
OSC
ENA
VDD
LDR
CHV
OUT1
OUT2
▪ 8-pin VSOP
1
2
3
45
6
7
8
CHV
LDR
VSS
OSC
OUT1
OUT2
VDD
ENA
PIN DESCRIPTION
Pin number
VSOP-8
SON-8
Name
I/O
Function
1
7
CHV
I
High-voltage DC input
2
8
LDR
O
Booster coil driver output
3
1
VSS
-
Ground
4
2
OSC
I
Coil and EL driver oscillator
(oscillator frequency determined by external resistor)
5
3
ENA*1
I
Enable input (High : enable, Low : disable)
6
4
VDD
-
Supply
7
5
OUT2
O
Output 2
8
6
OUT1
O
Output 1
*1. Built-in pull-down resistor


유사한 부품 번호 - SM8142B

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM8142BD NPC-SM8142BD Datasheet
102Kb / 8P
   EL Sheet Driver
SM8142BV NPC-SM8142BV Datasheet
102Kb / 8P
   EL Sheet Driver
More results

유사한 설명 - SM8142B

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L7203 STMICROELECTRONICS-L7203 Datasheet
170Kb / 13P
   SMOOTH DRIVE SPINDLE MOTOR FOR OPTICAL DRIVE APPLICATION WITH POWER INTEGRATED
logo
Keysight Technologies
33509B KEYSIGHT-33509B Datasheet
6Mb / 23P
   Waveform Generators
33510B KEYSIGHT-33510B Datasheet
6Mb / 23P
   Waveform Generators
33511B KEYSIGHT-33511B Datasheet
6Mb / 23P
   Waveform Generators
33519B KEYSIGHT-33519B Datasheet
6Mb / 23P
   Waveform Generators
33522B KEYSIGHT-33522B Datasheet
6Mb / 23P
   Waveform Generators
33521B KEYSIGHT-33521B Datasheet
6Mb / 23P
   Waveform Generators
logo
ASM GmbH
7075 ASM-SENSOR-7075 Datasheet
1Mb / 8P
   WAVEFORM GENERATOR
logo
Agilent(Hewlett-Packard...
86108A HP-86108A Datasheet
297Kb / 2P
   Waveform Analyzer
logo
Keysight Technologies
33512B KEYSIGHT-33512B Datasheet
6Mb / 23P
   Waveform Generators
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com