전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74A6-50VAT 데이터시트(PDF) 7 Page - Microchip Technology

부품명 TC74A6-50VAT
상세설명  Tiny Serial Digital Thermal Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC74A6-50VAT 데이터시트(HTML) 7 Page - Microchip Technology

Back Button TC74A6-50VAT Datasheet HTML 3Page - Microchip Technology TC74A6-50VAT Datasheet HTML 4Page - Microchip Technology TC74A6-50VAT Datasheet HTML 5Page - Microchip Technology TC74A6-50VAT Datasheet HTML 6Page - Microchip Technology TC74A6-50VAT Datasheet HTML 7Page - Microchip Technology TC74A6-50VAT Datasheet HTML 8Page - Microchip Technology TC74A6-50VAT Datasheet HTML 9Page - Microchip Technology TC74A6-50VAT Datasheet HTML 10Page - Microchip Technology TC74A6-50VAT Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21462B-page 7
TC74
3.0
DETAILED DESCRIPTION
3.1
Functional Description
The
TC74
acquires
and
converts
temperature
information from its onboard solid-state sensor with a
resolution of ±1°C. It stores the data in an internal
register which is read through the serial port. The
system interface is a slave SMBus. The temperature
data can be read at any time through the SMBus port.
Eight SMBus addresses are programmable for the
TC74, which allows for a multi-sensor configuration.
Also, there is low power Standby mode when
temperature acquisition is suspended.
3.1.1
STANDBY MODE
The TC74 allows the host to put it into a low power (IDD
=5
µA, typical) Standby mode. In this mode, the A/D
converter is halted and the temperature data registers
are frozen. The SMBus port operates normally.
Standby mode is enabled by setting the SHDN bit in the
CONFIG register. Table 3-1 summarizes this operation.
TABLE 3-1:
STANDBY MODE OPERATION
3.1.2
SMBUS SLAVE ADDRESS
The TC74 is internally programmed to have a default
SMBus address value of 1001 101b. Seven other
addresses are available by custom order (contact
factory).
3.2
Serial Port Operation
The Serial Clock input (SCL) and bi-directional data
port (SDA) form a 2-wire bi-directional serial port for
programming
and
interrogating
the
TC74.
The
following conventions are used in this bus architecture:
TABLE 3-2:
SERIAL BUS CONVENTIONS
All transfers take place under control of a host, usually
a CPU or microcontroller, acting as the Master, which
provides the clock signal for all transfers. The TC74
always operates as a Slave. The serial protocol is
illustrated in Figure 3-1 All data transfers have two
phases; all bytes are transferred MSB first. Accesses
are initiated by a START condition, followed by a device
address byte and one or more data bytes. The device
address byte includes a Read/Write selection bit. Each
access must be terminated by a STOP Condition. A
convention called Acknowledge (ACK) confirms receipt
of each byte. Note that SDA can change only during
periods when SCL is LOW (SDA changes while SCL is
HIGH are reserved for START and STOP Conditions).
SHDN Bit
Operating Mode
0Normal
1
Standby
Term
Explanation
Transmitter
The device sending data to the bus.
Receiver
The device receiving data from the bus.
Master
The device which controls the bus: initiating
transfers (START), generating the clock, and
terminating transfers. (STOP)
Slave
The device addressed by the master.
START
A unique condition signaling the beginning of
a transfer indicated by SDA falling (High-Low)
while SCL is high.
STOP
A unique condition signaling the end of a
transfer indicated by SDA rising (Low-High)
while SCL is High.
ACK
A Receiver acknowledges the receipt of each
byte with this unique condition. The Receiver
drives SDA low during SCL high of the ACK
clock-pulse. The Master provides the clock
pulsefor theACK cycle.
Busy
Communication is not possible because the
busisinuse.
NOT Busy
When the bus is idle, both SDA and SCL will
remain high.
Data Valid
The state of SDA must remain stable during
the High period of SCL in order for a data bit
to be considered valid. SDA only changes
state while SCL is low during normal data
transfers. (See START and STOP condi-
tions.)


유사한 부품 번호 - TC74A6-50VAT

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC74A6-5.0VAT MICROCHIP-TC74A6-5.0VAT Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
TC74A6-5.0VCT MICROCHIP-TC74A6-5.0VCT Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
TC74A6-5.0VCTTR MICROCHIP-TC74A6-5.0VCTTR Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
More results

유사한 설명 - TC74A6-50VAT

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC74 MICROCHIP-TC74_13 Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
21462C MICROCHIP-21462C Datasheet
325Kb / 16P
   Tiny Serial Digital Thermal Sensor
2002
logo
ON Semiconductor
MC74 ONSEMI-MC74 Datasheet
122Kb / 12P
   Serial Digital Temperature Sensor
February, 2000 ??Rev. 0
logo
STMicroelectronics
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
   Digital temperature sensor and thermal watchdog
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
   Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
logo
STMicroelectronics
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75 Datasheet
306Kb / 37P
   Digital temperature sensor and thermal watchdog
STCN75 STMICROELECTRONICS-STCN75 Datasheet
291Kb / 35P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75_08 Datasheet
326Kb / 37P
   Digital temperature sensor and thermal watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com