전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N90G-TF3-T 데이터시트(PDF) 7 Page - Unisonic Technologies

부품명 6N90G-TF3-T
상세설명  N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N90G-TF3-T 데이터시트(HTML) 7 Page - Unisonic Technologies

  6N90G-TF3-T Datasheet HTML 1Page - Unisonic Technologies 6N90G-TF3-T Datasheet HTML 2Page - Unisonic Technologies 6N90G-TF3-T Datasheet HTML 3Page - Unisonic Technologies 6N90G-TF3-T Datasheet HTML 4Page - Unisonic Technologies 6N90G-TF3-T Datasheet HTML 5Page - Unisonic Technologies 6N90G-TF3-T Datasheet HTML 6Page - Unisonic Technologies 6N90G-TF3-T Datasheet HTML 7Page - Unisonic Technologies 6N90G-TF3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
6N90
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-492.F
TYPICAL CHARACTERISTICS
0.2
0
0
2
Drain Current vs. Source to Drain Voltage
Source to Drain Voltage, VSD (V)
0.8
0.4
0.6
6
8
6
6
0
0
2
4
5
Drain-Source On-State Resistance
Characteristics
Drain to Source Voltage, VDS (V)
1
4
2
3
8
VGS=10V,
ID=3.1A
1.0
4
1
0
0
50
Drain Current vs. Gate Threshold
Voltage
Gate Threshold Voltage, VTH (V)
250
100
150
200
300
Drain Current vs. Drain-Source Breakdown
Voltage
0
0
Drain-Source Breakdown Voltage, BVDSS(V)
600
200
200
400
600
400
800
800
24
3
1000
1000


유사한 부품 번호 - 6N90G-TF3-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
6N90G-TF3-T UTC-6N90G-TF3-T Datasheet
180Kb / 6P
   6.2 Amps, 900 Volts N-CHANNEL POWER MOSFET
6N90G-TF3-T UTC-6N90G-TF3-T Datasheet
203Kb / 5P
   6.2A, 900V N-CHANNEL POWER MOSFET
More results

유사한 설명 - 6N90G-TF3-T

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com