전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N90G-TF1-T 데이터시트(PDF) 4 Page - Unisonic Technologies

부품명 6N90G-TF1-T
상세설명  N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N90G-TF1-T 데이터시트(HTML) 4 Page - Unisonic Technologies

  6N90G-TF1-T Datasheet HTML 1Page - Unisonic Technologies 6N90G-TF1-T Datasheet HTML 2Page - Unisonic Technologies 6N90G-TF1-T Datasheet HTML 3Page - Unisonic Technologies 6N90G-TF1-T Datasheet HTML 4Page - Unisonic Technologies 6N90G-TF1-T Datasheet HTML 5Page - Unisonic Technologies 6N90G-TF1-T Datasheet HTML 6Page - Unisonic Technologies 6N90G-TF1-T Datasheet HTML 7Page - Unisonic Technologies 6N90G-TF1-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
6N90
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-492.F
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
900
V
Breakdown Voltage Temperature Coefficient △BVDSS
/TJ Reference to 25°C, ID=250µA
1.07
V/°C
VDS=900V, VGS=0V
10
Drain-Source Leakage Current
IDSS
VDS=720V, TC=125°C
100
µA
Forward
VGS=+30V, VDS=0V
+100 nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-30V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
3.0
5.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=3.1A
1.85 2.3
Forward Transconductance
gFS
VDS=50V, ID=3.1A (Note 1)
5.5
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
1260 1770 pF
Output Capacitance
COSS
160 180
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
15
30
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
40
50
nC
Gate to Source Charge
QGS
9.6
nC
Gate to Drain Charge
QGD
VGS=10V, VDS=50V, ID=1.3A
(Note 1, 2)
13
nC
Turn-ON Delay Time
tD(ON)
75
80
ns
Rise Time
tR
152 190
ns
Turn-OFF Delay Time
tD(OFF)
200 240
ns
Fall-Time
tF
VDD=30V, ID=1A, RG=25Ω
(Note 1, 2)
110 150
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
6.0
A
Maximum Body-Diode Pulsed Current
ISM
24
A
Drain-Source Diode Forward Voltage
VSD
IS=6.2A, VGS=0V
1.4
V
Body Diode Reverse Recovery Time
tRR
630
ns
Body Diode Reverse Recovery Charge
QRR
IS=6.2A, VGS=0V, dIF/dt=100A/µs
(Note 1)
6.9
µC
Notes: 1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature


유사한 부품 번호 - 6N90G-TF1-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
6N90G-TF1-T UTC-6N90G-TF1-T Datasheet
180Kb / 6P
   6.2 Amps, 900 Volts N-CHANNEL POWER MOSFET
6N90G-TF1-T UTC-6N90G-TF1-T Datasheet
203Kb / 5P
   6.2A, 900V N-CHANNEL POWER MOSFET
More results

유사한 설명 - 6N90G-TF1-T

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com