전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA18361LT 데이터시트(PDF) 22 Page - NXP Semiconductors

부품명 TEA18361LT
상세설명  GreenChip SMPS control IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA18361LT 데이터시트(HTML) 22 Page - NXP Semiconductors

Back Button TEA18361LT Datasheet HTML 18Page - NXP Semiconductors TEA18361LT Datasheet HTML 19Page - NXP Semiconductors TEA18361LT Datasheet HTML 20Page - NXP Semiconductors TEA18361LT Datasheet HTML 21Page - NXP Semiconductors TEA18361LT Datasheet HTML 22Page - NXP Semiconductors TEA18361LT Datasheet HTML 23Page - NXP Semiconductors TEA18361LT Datasheet HTML 24Page - NXP Semiconductors TEA18361LT Datasheet HTML 25Page - NXP Semiconductors TEA18361LT Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
TEA18361LT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 12 December 2013
22 of 29
NXP Semiconductors
TEA18361LT
GreenChip SMPS control IC
tsup(xfmr_ring)
transformer ringing
suppression time
1.9
2.3
2.7
s
Maximum on-time (pin DRIVER)
ton(max)
maximum on-time
45
55
65
s
Driver (pin DRIVER)
Isource(DRIVER)
source current on pin
DRIVER
VDRIVER =2V
-
0.3
0.25
A
Isink(DRIVER)
sink current on pin
DRIVER
VDRIVER = 2 V
0.25
0.3
-
A
VDRIVER =10V
0.6
0.75
-
A
VO(DRIVER)max
maximum output voltage
on pin DRIVER
9
10.5
12
V
Overpower compensation (pin ISENSE and pin AUX)
Vclamp(AUX)
clamp voltage on pin
AUX
primary stroke;
IAUX = 0.3 mA
0.8
0.7
0.6
V
td(clamp)AUX
clamp delay time on pin
AUX
after rising edge of pin
DRIVER
580
665
750
ns
after falling edge of pin
DRIVER
1.8
2.2
2.6
s
Vopc(ISENSE)
overpower
compensation voltage on
pin ISENSE
IAUX = 0.3 mA
700
765
830
mV
IAUX = 1.46 mA
400
450
500
mV
Vopp(ISENSE)
overpower protection
voltage on pin ISENSE
counter trigger level
IAUX = 0.3 mA
450
500
550
mV
IAUX = 1.46 mA
265
295
325
mV
td(opp)
overpower protection
delay time
start-up mode;
VCTRL >5V
36
40
44
ms
normal mode
180
200
220
ms
td(restart)
restart delay time
720
800
820
ms
External protection (pin PROTECT)
Vdet(PROTECT)
detection voltage on pin
PROTECT
0.47
0.5
0.53
V
Vhys(det)(PROTECT)
hysteresis of detection
voltage on pin
PROTECT
-50
-mV
IO(PROTECT)
output current on pin
PROTECT
normal mode
79
74
69
A
power-down mode
55
47
40
A
Vclamp(PROTECT)
clamp voltage on pin
PROTECT
1.25
1.45
1.65
V
Power-down mode (pin PROTECT)
Vth(pd)PROTECT
power-down threshold
voltage on pin
PROTECT
0.18
0.2
0.22
V
Vhys(pd)
power-down hysteresis
voltage
-20
-mV
Table 6.
Characteristics …continued
Tamb =25 C; VCC = 20 V; all voltages are measured with respect to ground (pin 2); currents are positive when flowing into
the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


유사한 부품 번호 - TEA18361LT

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA18361LT NXP-TEA18361LT Datasheet
369Kb / 27P
   GreenChip SMPS control IC
Rev. 1 - 21 November 2022
TEA18361LT/2 NXP-TEA18361LT/2 Datasheet
369Kb / 27P
   GreenChip SMPS control IC
Rev. 1 - 21 November 2022
TEA18361LT2 NXP-TEA18361LT2 Datasheet
369Kb / 27P
   GreenChip SMPS control IC
Rev. 1 - 21 November 2022
TEA18361LT NXP-TEA18361LT_V01 Datasheet
369Kb / 27P
   GreenChip SMPS control IC
Rev. 1 - 21 November 2022
More results

유사한 설명 - TEA18361LT

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com