전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA1721DT 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 TEA1721DT
상세설명  HV start-up flyback controller with integrated MOSFET for 5 W applications, 1270 Hz burst frequency
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1721DT 데이터시트(HTML) 3 Page - NXP Semiconductors

  TEA1721DT Datasheet HTML 1Page - NXP Semiconductors TEA1721DT Datasheet HTML 2Page - NXP Semiconductors TEA1721DT Datasheet HTML 3Page - NXP Semiconductors TEA1721DT Datasheet HTML 4Page - NXP Semiconductors TEA1721DT Datasheet HTML 5Page - NXP Semiconductors TEA1721DT Datasheet HTML 6Page - NXP Semiconductors TEA1721DT Datasheet HTML 7Page - NXP Semiconductors TEA1721DT Datasheet HTML 8Page - NXP Semiconductors TEA1721DT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TEA1721DT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2.1 — 7 June 2012
3 of 14
NXP Semiconductors
TEA1721DT
HV start-up flyback controller with integrated MOSFET for 5 W
2.
Ordering information
3.
Block diagram
3.1 Block diagram
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TEA1721DT/N1
SO7
plastic small outline package; 7 leads; body width 3.9 mm
SOT1175-1
Fig 1.
Block diagram
START
STOP
VCC
FB
GND
REFERENCES
AND
TEMPERATURE
PROTECTION
fosc,
VSOURCE AND
JITTER
REGULATOR
OSCILLATOR
BURST
REGULATOR
CONTROL
LOGIC
SOURCE
DRAIN
SENSOR
start-up source
VSOURCE
comparator
fburst
fSW
VOVP(FBS)
VFBS
OTP
enable
Vref
controller and cable
compensation
demag
driver
power
switch
Vpeak
001aan293
TEA1721


유사한 부품 번호 - TEA1721DT

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1721AT PHILIPS-TEA1721AT Datasheet
142Kb / 14P
   Ultra-low standby SMPS controller with integrated power switch
Rev. 1-24 January 2012
TEA1721AT NXP-TEA1721AT Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
TEA1721AT-N1 PHILIPS-TEA1721AT-N1 Datasheet
142Kb / 14P
   Ultra-low standby SMPS controller with integrated power switch
Rev. 1-24 January 2012
TEA1721AT/N1 NXP-TEA1721AT/N1 Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
TEA1721AT NXP-TEA1721AT_V01 Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
More results

유사한 설명 - TEA1721DT

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1723DT PHILIPS-TEA1723DT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 1270 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1721AT NXP-TEA1721AT_V01 Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
TEA1721FT PHILIPS-TEA1721FT Datasheet
201Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 1750 Hz burst frequency
Rev. 1.1-7 June 2012
TEA1721BT NXP-TEA1721BT Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 905 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723AT PHILIPS-TEA1723AT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 430 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723FT PHILIPS-TEA1723FT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 1750 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723BT PHILIPS-TEA1723BT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 905 Hz burst frequency
Rev. 2.2-7 June 2012
TEA1751LT_1301 NXP-TEA1751LT_1301 Datasheet
277Kb / 31P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013
TEA1755T NXP-TEA1755T_V01 Datasheet
331Kb / 35P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
TEA1753T PHILIPS-TEA1753T Datasheet
346Kb / 32P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com