전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6204A1 데이터시트(PDF) 6 Page - Texas Instruments

부품명 TPA6204A1
상세설명  1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA6204A1 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TPA6204A1_15 Datasheet HTML 2Page - Texas Instruments TPA6204A1_15 Datasheet HTML 3Page - Texas Instruments TPA6204A1_15 Datasheet HTML 4Page - Texas Instruments TPA6204A1_15 Datasheet HTML 5Page - Texas Instruments TPA6204A1_15 Datasheet HTML 6Page - Texas Instruments TPA6204A1_15 Datasheet HTML 7Page - Texas Instruments TPA6204A1_15 Datasheet HTML 8Page - Texas Instruments TPA6204A1_15 Datasheet HTML 9Page - Texas Instruments TPA6204A1_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TPA6204A1
SLOS429B − MAY 2004 − REVISED SEPTEMBER 2009
www.ti.com
6
Figure 7
f − Frequency − Hz
+0
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
20
20k
50
100 200
500 1k
2k
5k
10k
SUPPLY VOLTAGE REJECTION RATIO
vs
FREQUENCY
VDD = 3.6 V
VDD = 2.5 V
VDD = 5 V
RL = 8 Ω,
C(BYPASS) = 0.47 µF,
Gain = 1 V/V,
CI = 2 µF,
Inputs ac Grounded
Figure 8
−180
−160
−140
−120
−100
0
400
800
1200
1600
2000
−150
−100
−50
0
f − Frequency − Hz
VDD Shown in Figure 9,
RL = 8 Ω,
CI = 2.2 µF,
Inputs Grounded
GSM POWER SUPPLY REJECTION
vs
FREQUENCY
C(BYPASS) = 0.47 µF
Figure 9
C1
Frequency
217 Hz
C1 − Duty
20%
C1 Pk−Pk
500 mV
Ch1 100 mV/div
Ch4 10 mV/div
2 ms/div
VDD
VOUT
t − Time − ms
GSM POWER SUPPLY REJECTION
vs
TIME
RL = 8 Ω
CI = 2.2 µF
C(BYPASS) = 0.47 µF
0
50
100
150
200
250
300
0
0.2
0.4
0.6
0.8
1
C(Bypass) − Bypass Capacitor − µF
START-UP TIME
vs
BYPASS CAPACITOR
Figure 10


유사한 부품 번호 - TPA6204A1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6204A1 TI1-TPA6204A1_17 Datasheet
1Mb / 26P
[Old version datasheet]   1.7-W Mono Fully Differential Audio Power Amplifier
More results

유사한 설명 - TPA6204A1_15

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204_15 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6204A1 TI1-TPA6204A1_17 Datasheet
1Mb / 26P
[Old version datasheet]   1.7-W Mono Fully Differential Audio Power Amplifier
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com