전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6204A1 데이터시트(PDF) 8 Page - Texas Instruments

부품명 TPA6204A1
상세설명  1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA6204A1 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPA6204A1_15 Datasheet HTML 4Page - Texas Instruments TPA6204A1_15 Datasheet HTML 5Page - Texas Instruments TPA6204A1_15 Datasheet HTML 6Page - Texas Instruments TPA6204A1_15 Datasheet HTML 7Page - Texas Instruments TPA6204A1_15 Datasheet HTML 8Page - Texas Instruments TPA6204A1_15 Datasheet HTML 9Page - Texas Instruments TPA6204A1_15 Datasheet HTML 10Page - Texas Instruments TPA6204A1_15 Datasheet HTML 11Page - Texas Instruments TPA6204A1_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TPA6204A1
SLOS429B − MAY 2004 − REVISED SEPTEMBER 2009
www.ti.com
8
APPLICATION INFORMATION
FULLY DIFFERENTIAL AMPLIFIER
The TPA6204A1 is a fully differential amplifier with
differential inputs and outputs. The fully differential
amplifier consists of a differential amplifier and a common-
mode amplifier. The differential amplifier ensures that the
amplifier outputs a differential voltage that is equal to the
differential input times the gain. The common-mode
feedback ensures that the common-mode voltage at the
output is biased around VDD/2 regardless of the common-
mode voltage at the input.
Advantages of Fully Differential Amplifiers
D Input coupling capacitors not required: A fully
differential amplifier with good CMRR, like the
TPA6204A1, allows the inputs to be biased at voltage
other than mid-supply. For example, if a DAC has
mid-supply
lower
than
the mid-supply of the
TPA6204A1, the common-mode feedback circuit
adjusts for that, and the TPA6204A1 outputs are still
biased at mid-supply of the TPA6204A1. The inputs of
the TPA6204A1 can be biased from 0.5 V to VDD
0.8 V. If the inputs are biased outside of that range,
input coupling capacitors are required.
D Mid-supply bypass capacitor, C
(BYPASS),
not
required: The fully differential amplifier does not
require a bypass capacitor. This is because any shift
in the mid- supply affects both positive and negative
channels equally and cancels at the differential
output. However, removing the bypass capacitor
slightly worsens power supply rejection ratio (kSVR),
but a slight decrease of kSVR may be acceptable when
an additional component can be eliminated.
D Better RF-immunity: GSM handsets save power by
turning on and shutting off the RF transmitter at a rate
of 217 Hz. The transmitted signal is picked-up on input
and output traces. The fully differential amplifier
cancels the signal much better than the typical audio
amplifier.
APPLICATION SCHEMATICS
Figure 15 through Figure 17 show application schematics
for differential and single-ended inputs. Typical values are
shown in Table 1.
Table 1. Typical Component Values
COMPONENT
VALUE
RI
40 k
C(BYPASS)(1)
0.22
µF
CS
1
µF
CI
0.22
µF
(1) C(BYPASS) is optional
_
+
VDD
VO+
VO−
GND
6
5
8
7
To Battery
Cs
Bias
Circuitry
IN−
IN+
4
3
2
+
In From
DAC
SHUTDOWN
RI
RI
1
C(BYPASS)(1)
100 k
40 k
40 k
(1) C(BYPASS) is optional
Figure 15. Typical Differential Input Application Schematic


유사한 부품 번호 - TPA6204A1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6204A1 TI1-TPA6204A1_17 Datasheet
1Mb / 26P
[Old version datasheet]   1.7-W Mono Fully Differential Audio Power Amplifier
More results

유사한 설명 - TPA6204A1_15

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204_15 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6204A1 TI1-TPA6204A1_17 Datasheet
1Mb / 26P
[Old version datasheet]   1.7-W Mono Fully Differential Audio Power Amplifier
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com