전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0787261005 데이터시트(PDF) 2 Page - Molex Electronics Ltd.

부품명 0787261005
상세설명  DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0787261005 데이터시트(HTML) 2 Page - Molex Electronics Ltd.

  0787261005 Datasheet HTML 1Page - Molex Electronics Ltd. 0787261005 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Application Specification
AS-78726-002
Electrical Model Document
EE-78726-002, EE-78726-004
Product Specification
PS-78726-001, RPS-78726-002
S-Parameter Model
SP-78726-002, SP-78726-004
Sales Drawing
SD-78726-002
This document was generated on 08/24/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - 0787261005

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0787261002 MOLEX11-0787261002 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261003 MOLEX11-0787261003 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261004 MOLEX11-0787261004 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating,
0787261006 MOLEX11-0787261006 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261007 MOLEX11-0787261007 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
More results

유사한 설명 - 0787261005

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0787261004 MOLEX11-0787261004 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating,
0787261029 MOLEX11-0787261029 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261065 MOLEX11-0787261065 Datasheet
39Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261002 MOLEX11-0787261002 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261066 MOLEX11-0787261066 Datasheet
39Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
1510800102 MOLEX11-1510800102 Datasheet
65Kb / 2P
   DDR4 DIMM Socket, 25 Angled, Vertical Through-Hole, 0.76m Gold Plating
0787261011 MOLEX11-0787261011 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261042 MOLEX11-0787261042 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261040 MOLEX11-0787261040 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
0787261023 MOLEX11-0787261023 Datasheet
40Kb / 2P
   DDR4 DIMM Socket, Vertical Through-Hole, 0.76m Gold Plating, 288 Circuits
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com