전자부품 데이터시트 검색엔진 |
|
6N70-C 데이터시트(PDF) 2 Page - Unisonic Technologies |
|
6N70-C 데이터시트(HTML) 2 Page - Unisonic Technologies |
2 / 6 page 6N70-C Preliminary Power MOSFET UNISONICTECHNOLOGIESCO.,LTD 2 of 6 www.unisonic.com.tw QW-R502-A52.c ABSOLUTE MAXIMUM RATINGS (unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT Drain-Source Voltage VDSS 700 V Gate-Source Voltage (Note 2) VGSS ±30 V Drain Current Continuous TC=25°C ID 6 A TC=100°C 3.8 A Pulsed IDM 24 A Avalanche Current (Note 2) IAR 6 A Avalanche Energy Single Pulsed (Note 3) EAS 108 mJ Repetitive (Note 2) EAR 13 mJ Peak Diode Recovery dv/dt (Note 4) dv/dt 2.5 V/ns Power Dissipation TO-220F PD 40 W TO-220F2 42 TO-251/TO-251S TO-251S2/TO-251S4 55 Linear Derarting Factor TO-220F PD 0.32 W/°C TO-220F2 0.33 TO-251/TO-251S TO-251S2/TO-251S4 0.44 Junction Temperature TJ +150 °C Storage Temperature TSTG -55~+150 °C Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2. Repetitive Rating: Pulse width limited by maximum junction temperature 3. L = 6mH, IAS = 6A, VDD = 50V, RG = 27Ω, Starting TJ = 25°C 4. ISD ≤ 6A, di/dt ≤140A/µs, VDD ≤ BVDSS, Starting TJ = 25°C THERMAL DATA PARAMETER SYMBOL RATINGS UNIT Junction to Ambient TO-220F/TO-220F2 θJA 62.5 °С/W TO-251/TO-251S TO-251S2/TO-251S4 110 °С/W Junction to Case TO-220F θJC 3.1 °С/W TO-220F2 2.9 °С/W TO-251/TO-251S TO-251S2/TO-251S4 2.27 °С/W |
유사한 부품 번호 - 6N70-C |
|
유사한 설명 - 6N70-C |