전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N70L-TMS4-T 데이터시트(PDF) 1 Page - Unisonic Technologies

부품명 6N70L-TMS4-T
상세설명  N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N70L-TMS4-T 데이터시트(HTML) 1 Page - Unisonic Technologies

  6N70L-TMS4-T Datasheet HTML 1Page - Unisonic Technologies 6N70L-TMS4-T Datasheet HTML 2Page - Unisonic Technologies 6N70L-TMS4-T Datasheet HTML 3Page - Unisonic Technologies 6N70L-TMS4-T Datasheet HTML 4Page - Unisonic Technologies 6N70L-TMS4-T Datasheet HTML 5Page - Unisonic Technologies 6N70L-TMS4-T Datasheet HTML 6Page - Unisonic Technologies 6N70L-TMS4-T Datasheet HTML 7Page - Unisonic Technologies 6N70L-TMS4-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
6N70-P
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-968.E
6.0A, 700V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 6N70-P is an N-channel mode power MOSFET
using UTC’s advanced technology to provide customers with a
minimum on-state resistance, high switching speed, low gate
charge and low input capacitance.
The UTC 6N70-P is universally applied in high efficiency
switch mode power supply.
FEATURES
* RDS(ON) < 1.8Ω @ VGS=10V, ID=3A
* High switching speed
SYMBOL
1.Gate
3.Source
2.Drain
TO-251
TO-252
TO-220F
TO-220F2
1
1
1
1
1
TO-251S4
TO-251S2
1
1
TO-251S
TO-251L
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
6N70L-TF2-T
6N70G-TF2-T
TO-220F2
G
D
S
Tube
6N70L-TF3-T
6N70G-TF3-T
TO-220F
G
D
S
Tube
6N70L-TM3-T
6N70G-TM3-T
TO-251
G
D
S
Tube
6N70L-TMA-T
6N70G-TMA-T
TO-251L
G
D
S
Tube
6N70L-TMS-T
6N70G-TMS-T
TO-251S
G
D
S
Tube
6N70L-TMS2-T
6N70G-TMS2-T
TO-251S2
G
D
S
Tube
6N70L-TMS4-T
6N70G-TMS4-T
TO-251S4
G
D
S
Tube
6N70L-TN3-R
6N70G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


유사한 부품 번호 - 6N70L-TMS4-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
6N70L-TMS4-T UTC-6N70L-TMS4-T Datasheet
200Kb / 6P
   N-CHANNEL POWER MOSFET
More results

유사한 설명 - 6N70L-TMS4-T

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com