전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2621 데이터시트(PDF) 3 Page - Texas Instruments

부품명 LM2621
상세설명  LM2621 Low Input Voltage, Step-Up DC-DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2621 데이터시트(HTML) 3 Page - Texas Instruments

  LM2621_15 Datasheet HTML 1Page - Texas Instruments LM2621_15 Datasheet HTML 2Page - Texas Instruments LM2621_15 Datasheet HTML 3Page - Texas Instruments LM2621_15 Datasheet HTML 4Page - Texas Instruments LM2621_15 Datasheet HTML 5Page - Texas Instruments LM2621_15 Datasheet HTML 6Page - Texas Instruments LM2621_15 Datasheet HTML 7Page - Texas Instruments LM2621_15 Datasheet HTML 8Page - Texas Instruments LM2621_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LM2621
www.ti.com
SNVS033C – MAY 2004 – REVISED MARCH 2005
ELECTRICAL CHARACTERISTICS
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range of
−40°C to +85°C. Unless otherwise specified: VDD= VOUT= 3.3V.
Symbol
Parameter
Condition
Typ
Min
Max
Units
VIN_ST
Minimum Start-Up Supply Voltage(1)
ILOAD = 0mA
1.1
1.2
V
VIN_OP
Minimum Operating Supply Voltage
ILOAD = 0mA
0.65
V
(once started)
VFB
FB Pin Voltage
1.24
1.2028
1.2772
V
VOUT_M
Maximum Output Voltage
14
V
AX
VHYST
Hysteresis Voltage(2)
30
45
mV
η
Efficiency
VIN = 3.6V; VOUT = 5V; ILOAD = 500mA
87
%
VIN = 2.5V; VOUT = 3.3V; ILOAD = 200mA
87
D
Switch Duty Cycle
70
60
80
%
IDD
Operating Quiescent Current(3)
FB Pin > 1.3V; EN Pin at VDD
80
110
µA
ISD
Shutdown Quiescent Current(2)
VDD, BOOT and SW Pins at 5.0V;
0.01
2.5
µA
EN Pin <200mV
ICL
Switch Peak Current Limit
2.85
A
RDS_ON
MOSFET Switch On Resistance
0.17
Ω
Enable Section
VEN_LO
EN Pin Voltage Low(4)
0.15VDD
V
VEN_HI
EN Pin Voltage High(4)
0.7VDD
V
(1)
Output in regulation, VOUT = VOUT (NOMINAL) ± 5%
(2)
This is the total current into pins VDD, BOOT, SW and FREQ.
(3)
This is the current into the VDD pin.
(4)
When the EN pin is below VEN_LO, the regulator is shut down; when it is above VEN_HI, the regulator is operating.
PIN DESCRIPTION
Pin
Name
Function
1
PGND
Power Ground
2
EN
Active-Low Shutdown Input
3
FREQ
Frequency Adjust. An external resistor connected between this pin and Pin 6 (VDD) sets the switching
frequency of the LM2621.
4
FB
Output Voltage Feedback
5
SGND
Signal Ground
6
VDD
Power Supply for Internal Circuitry
7
BOOT
Bootstrap Supply for the Gate Drive of Internal MOSFET Power Switch
8
SW
Drain of the Internal MOSFET Power Switch
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2621


유사한 부품 번호 - LM2621_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2621 TI1-LM2621_15 Datasheet
507Kb / 17P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
More results

유사한 설명 - LM2621_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2621MM TI-LM2621MM Datasheet
1Mb / 17P
[Old version datasheet]   LM2621 Low Input Voltage, Step-Up DC-DC Converter
logo
National Semiconductor ...
LM2621 NSC-LM2621_05 Datasheet
655Kb / 11P
   Low Input Voltage, Step-Up DC-DC Converter
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
   Low Input Voltage, Step-Up DC-DC Converter
logo
Texas Instruments
LM2621 TI1-LM2621_14 Datasheet
1Mb / 16P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI1-LM2621_15 Datasheet
507Kb / 17P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Semtech Corporation
SC1631 SEMTECH-SC1631 Datasheet
168Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com