전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2700MT-ADJ 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2700MT-ADJ
상세설명  LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2700MT-ADJ 데이터시트(HTML) 1 Page - Texas Instruments

  LM2700MT-ADJ Datasheet HTML 1Page - Texas Instruments LM2700MT-ADJ Datasheet HTML 2Page - Texas Instruments LM2700MT-ADJ Datasheet HTML 3Page - Texas Instruments LM2700MT-ADJ Datasheet HTML 4Page - Texas Instruments LM2700MT-ADJ Datasheet HTML 5Page - Texas Instruments LM2700MT-ADJ Datasheet HTML 6Page - Texas Instruments LM2700MT-ADJ Datasheet HTML 7Page - Texas Instruments LM2700MT-ADJ Datasheet HTML 8Page - Texas Instruments LM2700MT-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LM2700
www.ti.com
SNVS152C – MAY 2001 – REVISED MARCH 2013
LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
Check for Samples: LM2700
1
FEATURES
DESCRIPTION
The LM2700 is a step-up DC/DC converter with a
2
3.6A, 0.08
Ω, Internal Switch
3.6A, 80m
Ω internal switch and pin selectable
Operating Input Voltage Range of 2.2V to 12V
operating frequency. With the ability to produce
Input Undervoltage Protection
500mA at 8V from a single Lithium Ion battery, the
LM2700 is an ideal part for biasing LCD displays. The
Adjustable Output Voltage up to 17.5V
LM2700 can be operated at switching frequencies of
600kHz/1.25MHz Pin Selectable Frequency
600kHz and 1.25MHz allowing for easy filtering and
Operation
low noise. An external compensation pin gives the
Over Temperature Protection
user flexibility in setting frequency compensation,
which makes possible the use of small, low ESR
Small 14-Lead TSSOP or WSON Package
ceramic capacitors at the output. The LM2700
features continuous switching at light loads and
APPLICATIONS
operates with a switching quiescent current of 2.0mA
LCD Bias Supplies
at 600kHz and 3.0mA at 1.25MHz. The LM2700 is
available in a low profile 14-lead TSSOP package or
Handheld Devices
a 14-lead WSON package.
Portable Applications
GSM/CDMA Phones
Digital Cameras
Typical Application Circuit
Figure 1. 600 kHz Operation
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - LM2700MT-ADJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2700MT-ADJ NSC-LM2700MT-ADJ Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700MT-ADJ NSC-LM2700MT-ADJ Datasheet
512Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results

유사한 설명 - LM2700MT-ADJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700_04 Datasheet
512Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q-Q1 TI-LM2700Q-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM3224 NSC-LM3224 Datasheet
920Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM3224 TI1-LM3224 Datasheet
1Mb / 26P
[Old version datasheet]   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM3224 NSC-LM3224_05 Datasheet
917Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com