전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2738 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LM2738
상세설명  LM2738 550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2738 데이터시트(HTML) 1 Page - Texas Instruments

  LM2738_15 Datasheet HTML 1Page - Texas Instruments LM2738_15 Datasheet HTML 2Page - Texas Instruments LM2738_15 Datasheet HTML 3Page - Texas Instruments LM2738_15 Datasheet HTML 4Page - Texas Instruments LM2738_15 Datasheet HTML 5Page - Texas Instruments LM2738_15 Datasheet HTML 6Page - Texas Instruments LM2738_15 Datasheet HTML 7Page - Texas Instruments LM2738_15 Datasheet HTML 8Page - Texas Instruments LM2738_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LM2738
VIN
VIN
EN
BOOST
SW
FB
GND
VOUT
C3
L1
C1
C2
R1
R2
D1
D2
ON
OFF
LM2738
www.ti.com
SNVS556B – APRIL 2008 – REVISED APRIL 2013
LM2738 550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
Check for Samples: LM2738
1
FEATURES
DESCRIPTION
The LM2738 regulator is a monolithic, high frequency,
2
Space Saving WSON and MSOP-PowerPAD
PWM step-down DC/DC converter in an 8-pin WSON
Package
or 8-pin MSOP-PowerPAD package. It provides all
3.0V to 20V Input Voltage Range
the active functions for local DC/DC conversion with
0.8V to 18V Output Voltage Range
fast transient response and accurate regulation in the
smallest possible PCB area.
1.5A Output Current
With a minimum of external components, the LM2738
550kHz (LM2738Y) and 1.6MHz (LM2738X)
is easy to use. The ability to drive 1.5A loads with an
Switching Frequencies
internal 250m
Ω NMOS switch using state-of-the-art
250m
Ω NMOS Switch
0.5µm BiCMOS technology results in the best power
400nA Shutdown Current
density available. Switching frequency is internally set
to
550kHz
(LM2738Y)
or
1.6MHz
(LM2738X),
0.8V, 2% Internal Voltage Reference
allowing the use of extremely small surface mount
Internal Soft-Start
inductors and chip capacitors. Even though the
Current-Mode, PWM Operation
operating frequencies are very high, efficiencies up to
90% are easy to achieve. External enable is included,
Thermal Shutdown
featuring an ultra-low stand-by current of 400nA. The
LM2738 utilizes current-mode control and internal
APPLICATIONS
compensation to provide high-performance regulation
Local Point of Load Regulation
over a wide range of operating conditions. Additional
features include internal soft-start circuitry to reduce
Core Power in HDDs
in-rush current, cycle-by-cycle current limit, thermal
Set-Top Boxes
shutdown, and output over-voltage protection.
Battery Powered Devices
USB Powered Devices
DSL Modems
TYPICAL APPLICATION CIRCUIT
Efficiency vs Load Current
VIN = 12V, VOUT = 3.3V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - LM2738_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
More results

유사한 설명 - LM2738_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2738 NSC-LM2738 Datasheet
605Kb / 28P
   550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
logo
Texas Instruments
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
logo
Eutech Microelectronics...
EUP3291 EUTECH-EUP3291 Datasheet
736Kb / 1P
   1.5A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Texas Instruments
LM2833 TI1-LM2833 Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Switching Regulator
logo
National Semiconductor ...
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
L5971 STMICROELECTRONICS-L5971 Datasheet
96Kb / 11P
   1.5A STEP DOWN SWITCHING REGULATOR
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
L4971 STMICROELECTRONICS-L4971_05 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com