전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL-SG2008 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 TL-SG2008
상세설명  8-Port Gigabit Smart Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

TL-SG2008 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  TL-SG2008 Datasheet HTML 1Page - List of Unclassifed Manufacturers TL-SG2008 Datasheet HTML 2Page - List of Unclassifed Manufacturers TL-SG2008 Datasheet HTML 3Page - List of Unclassifed Manufacturers TL-SG2008 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.tp-link.com
Datasheet
Quality of Service (QoS)
Support 802.1p CoS/DSCP priority
Support 4 priority queues
Queue scheduling: SP, WRR, SP+WRR
Port/Flow- based Rate Limiting
Voice VLAN assure voice applications much smoother
performance
Advanced Security Strategies
Support Broadcast, Multicast and Unknown unicast Storm
Control
Static/Dynamic Port Security (MAC-based)
Access Control List (ACL)-L2~L4 package ltering based on
source and destination MAC address, IP address, TCP/UDP
ports
SSL and SSH encryptions
Management
Support Web-based GUI management mode
Support Command Line Interface(CLI) through telnet
management mode
SNMP v1/v2c/v3
RMON (1, 2, 3, 9 groups)
DHCP/BOOTP Client
CPU Monitoring
Port Mirroring (Many to One)
Cable Diagnostics feature
Ping/Tracert feature
System Log
Ethernet Protocols
IEEE 802.3i 10BASE-T
IEEE 802.3u 100BASE-TX/FX
IEEE 802.3ab 1000BASE-T
IEEE 802.3z 1000BASE-X
IEEE 802.3x Flow control
IEEE 802.1p QoS
IEEE 802.1q VLANs / VLAN tagging
IEEE 802.1D Spanning Tree Protocol (STP)
IEEE 802.1W Rapid Spanning Tree (RSTP)
IEEE 802.1S Multiple Spanning Tree (MSTP)
MIBs
MIB II (RFC1213)
Interface MIB (RFC2233)
Ethernet Interface MIB (RFC843)
Bridge MIB (RFC1493)
P/Q-Bridge MIB (RFC2674)
RMON MIB (RFC2819)
RMON2 MIB (RFC2021)
Remote Ping, Traceroute MIB (RFC2925)
Support TP-LINK private MIBs
Ordering Information
Host Switch
Product Model
TL-SG2008
Router
Product Model
TL-ER604W
TL-R470T+
Media Converter
Product Model
MC210CS
MC200CM
MC220L
MC1400
Description
Description
SafeStream Wireless N Gigabit Broadband VPN Router
Load Balance Broadband Router
Description
Gigabit single-mode SC SFP Transceiver, up to 15Km, chassis mountable
Gigabit multi-mode SC SFP Transceiver, up to 550m, chassis mountable
Gigabit SFP slot supporting mini-GBIC modules, chassis mountable
14-slot power supply chassis for TP-LINK Media Converter, 19-inch rack-mountable
8-Port Gigabit Smart Switch
Specifications are subject to change without notice. TP-LINK is a registered trademark of TP-LINK Technologies Co., Ltd. Other brands and product
names are trademarks or registered trademarks of their respective holders. Copyright @ 2014 TP-LINK TECHNOLOGIES CO., LTD. All rights reserved.


유사한 부품 번호 - TL-SG2008

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TL-SG2210P ETC2-TL-SG2210P Datasheet
967Kb / 4P
   8-Port Gigabit Smart PoE Switch with 2 SFP Slots
TL-SG2216 ETC2-TL-SG2216 Datasheet
1Mb / 4P
   Gigabit Smart Switch
More results

유사한 설명 - TL-SG2008

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TL-SG105E ETC2-TL-SG105E Datasheet
1Mb / 4P
   5-Port Gigabit Easy Smart Switch
TL-SG2210P ETC2-TL-SG2210P Datasheet
967Kb / 4P
   8-Port Gigabit Smart PoE Switch with 2 SFP Slots
TL-SG2216 ETC2-TL-SG2216 Datasheet
1Mb / 4P
   Gigabit Smart Switch
logo
Level One
GEU-0822 LVL1-GEU-0822 Datasheet
530Kb / 3P
   8-Port Gigabit Ethernet Switch
GSW-0809 LVL1-GSW-0809 Datasheet
698Kb / 3P
   8-Port Gigabit Ethernet Switch
GSW-0807 LVL1-GSW-0807_16 Datasheet
733Kb / 3P
   8-Port Gigabit Ethernet Switch
logo
Advantech Co., Ltd.
EKI-5728-AE ADVANTECH-EKI-5728-AE Datasheet
443Kb / 2P
   8-port Gigabit Ethernet ProView Switch
logo
ORing Industrial Networ...
TGS-1080-M12-BP2 ORING-TGS-1080-M12-BP2 Datasheet
3Mb / 4P
    8-port unmanaged Gigabit Ethernet switch
logo
ATMEL Corporation
AT79C1030 ATMEL-AT79C1030 Datasheet
115Kb / 5P
   8-Port Gigabit Ethernet CoS Switch
logo
List of Unclassifed Man...
TL-SG1016D ETC2-TL-SG1016D Datasheet
409Kb / 3P
   8/16/24-Port Gigabit Switch
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com