전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2787 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LM2787
상세설명  LM2787 Low Noise Regulated Switched Capacitor Voltage Inverter in DSBGA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2787 데이터시트(HTML) 1 Page - Texas Instruments

  LM2787_15 Datasheet HTML 1Page - Texas Instruments LM2787_15 Datasheet HTML 2Page - Texas Instruments LM2787_15 Datasheet HTML 3Page - Texas Instruments LM2787_15 Datasheet HTML 4Page - Texas Instruments LM2787_15 Datasheet HTML 5Page - Texas Instruments LM2787_15 Datasheet HTML 6Page - Texas Instruments LM2787_15 Datasheet HTML 7Page - Texas Instruments LM2787_15 Datasheet HTML 8Page - Texas Instruments LM2787_15 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM2787
www.ti.com
SNVS080F – JULY 2001 – REVISED MAY 2013
LM2787 Low Noise Regulated Switched Capacitor Voltage Inverter in DSBGA
Check for Samples: LM2787
1
FEATURES
DESCRIPTION
The LM2787 CMOS Negative Regulated Switched
2
Inverts and Regulates the Input Supply
Capacitor Voltage Inverter delivers a very low noise
Voltage
adjustable output for an input voltage in the range of
Small 8-Bump DSBGA and Thin DSBGA
+2.7V to +5.5V. Four low cost capacitors are used in
Packages
this circuit to provide up to 10mA of output current.
The regulated output for the LM2787 is adjustable
91% Typical Charge Pump Power Efficiency at
between
−1.5V and −5.2V. The LM2787 operates at
10mA
260 kHz (typical) switching frequency to reduce
Low Output Ripple
output
resistance
and
voltage
ripple.
With
an
Shutdown Lowers Quiescent Current to 0.05
operating current of only 400 µA (charge pump power
µA (Typical)
efficiency greater than 90% with most loads) and 0.05
µA typical shutdown current, the LM2787 provides
ideal performance for cellular phone power amplifier
APPLICATIONS
bias and other low current, low noise negative voltage
Wireless Communication Systems
needs. The device comes in small 8-Bump DSBGA
Cellular Phone Power Amplifier Biasing
and thin DSBGA packages.
Interface Power Supplies
Handheld Instrumentation
Laptop Computers and PDA's
Typical Application Circuit and Connection Diagram
8-Bump DSBGA (Top View)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - LM2787_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2787BP NSC-LM2787BP Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2787BPX NSC-LM2787BPX Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
More results

유사한 설명 - LM2787_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM27761 TI1-LM27761_16 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Noise Regulated Switched-Capacitor Voltage Inverter
LM2687LDX TI1-LM2687LDX Datasheet
333Kb / 12P
[Old version datasheet]   Low Noise Regulated Switched Capacitor Voltage Inverter
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
[Old version datasheet]   LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com