전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LM3243 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LM3243
상세설명  LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3243 데이터시트(HTML) 1 Page - Texas Instruments

  LM3243_15 Datasheet HTML 1Page - Texas Instruments LM3243_15 Datasheet HTML 2Page - Texas Instruments LM3243_15 Datasheet HTML 3Page - Texas Instruments LM3243_15 Datasheet HTML 4Page - Texas Instruments LM3243_15 Datasheet HTML 5Page - Texas Instruments LM3243_15 Datasheet HTML 6Page - Texas Instruments LM3243_15 Datasheet HTML 7Page - Texas Instruments LM3243_15 Datasheet HTML 8Page - Texas Instruments LM3243_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LM3243
PVIN VDD
SW
FB
VCON
PGND SGND
EN
MODE
VBATT
VOUT
ACB
BP
VCC_PA_2G
BB or
RFIC
DAC
GPO2
GPO1
BGND
1.5 µH
10 µF
1.0 µF
PA
4.7 µF
PA(s)
VCC_PA_3G
10 µF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3243
SNVS782C – OCTOBER 2010 – REVISED AUGUST 2015
LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
1 Features
3 Description
The LM3243 is a DC-DC converter optimized for
1
Input Voltage Range: 2.7 V to 5.5 V
powering multi-mode 2G, 3G, and 4G RF power
High-Efficiency PFM and PWM Modes With
amplifiers (PAs) from a single Lithium-Ion cell. The
Internal Synchronous Rectification
LM3243 steps down an input voltage from 2.7 V to
Analog Bypass Function with Low Dropout
5.5 V to a dynamically adjustable output voltage of
0.4 V to 3.6 V. The output voltage is set through a
Resistance (45 m
Ω Typical)
VCON analog input that adjusts the output voltage to
Dynamically Adjustable Output Voltage: 0.4 V to
ensure efficient operation at all power levels of the
3.6 V (Typical) in PFM and PWM Modes
RF PA.
Maximum Load Current: 2.5 A in PWM Mode
The LM3243 operates in constant frequency PWM
PWM Switching Frequency: 2.7 MHz (Average)
mode producing a small and predictable amount of
Modulated Switching Frequency to Aid Rx Band
output voltage ripple. This enables best ECTEL
Compliance
power requirements in GMSK and EDGE spectral
compliance, with the minimal amount of filtering and
Operates From a Single Li-ion Cell
excess headroom. When operating in PFM mode, the
(2.7 V to 5.5 V)
LM3243
enables
the
lowest
DG09
current
Current and Thermal Overload Protection
consumption
and
therefore
maximizes
system
ACB Reduces Inductor Requirements and Size
efficiency.
Minimum Total Solution Size by Using Small
The LM3243 has a unique Active Current assist and
Footprint and Case Size Inductor and Capacitors
analog Bypass (ACB) feature to minimize inductor
size without any loss of output regulation for the
2 Applications
entire battery voltage and RF output power range,
until dropout. ACB provides a parallel current path,
Cellular Phones
when needed, to limit the maximum inductor current
Hand-Held Radios
to 1.4 A (typical) while still driving a 2.5-A load. The
RF PC Cards
ACB also enables operation with minimal dropout
voltage. When considering using the LM3243 in a
Battery-Powered RF Devices
system design, see the Layout section of this data
sheet.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
LM3243
DSBGA (16)
2.049 mm × 2.049 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical System Application Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - LM3243_15

제조업체부품명데이터시트상세설명
Texas Instruments
Texas Instruments
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3243 TI1-LM3243_16 Datasheet
1Mb / 32P
[Old version datasheet]   High-Current Step-Down Converter
REVISED AUGUST 2015
More results

유사한 설명 - LM3243_15

제조업체부품명데이터시트상세설명
Texas Instruments
Texas Instruments
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3253 TI-LM3253_15 Datasheet
946Kb / 25P
[Old version datasheet]   LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
February 24, 2012
LM3253 TI1-LM3253 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
Taoglas antenna solutions
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111_18 Datasheet
1Mb / 13P
   4G/3G/2G HIGH GAIN
Texas Instruments
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3269 TI-LM3269_15 Datasheet
2Mb / 27P
[Old version datasheet]   LM3269 Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
Taoglas antenna solutions
Taoglas antenna solutio...
MA413.A.B.002 TAOGLAS-MA413.A.B.002 Datasheet
2Mb / 35P
   Worldwide 4G Bands including 3G and 2G
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com