전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3280 데이터시트(PDF) 8 Page - Texas Instruments

부품명 LM3280
상세설명  Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3280 데이터시트(HTML) 8 Page - Texas Instruments

Back Button LM3280_15 Datasheet HTML 4Page - Texas Instruments LM3280_15 Datasheet HTML 5Page - Texas Instruments LM3280_15 Datasheet HTML 6Page - Texas Instruments LM3280_15 Datasheet HTML 7Page - Texas Instruments LM3280_15 Datasheet HTML 8Page - Texas Instruments LM3280_15 Datasheet HTML 9Page - Texas Instruments LM3280_15 Datasheet HTML 10Page - Texas Instruments LM3280_15 Datasheet HTML 11Page - Texas Instruments LM3280_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
0
4
8
12
16
20
OUTPUT CURRENT (mA)
100
80
60
20
0
40
TA = 85
oC
TA = 25
oC
TA = -30
oC
0
10
20
30
40
50
60
OUTPUT CURRENT (V)
0.0
TA = -30°C
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TA = 85°C
TA = 25°C
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
2.830
IOUT = 1 mA
IOUT = 10 mA
IOUT = 20 mA
2.835
2.840
2.845
2.850
2.855
2.860
2.865
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE (°C)
2.830
IOUT = 1 mA
IOUT = 10 mA
IOUT = 20 mA
2.835
2.840
2.845
2.850
2.855
2.860
2.865
LDO
20 Ps/DIV
500 mV/DIV
5V/DIV
ENLDO
VIN = 3.0V
COUT = 1 éF
No Load
10 Ps/DIV
1 mA
10 mV/DIV
AC Coupled
IOUT
LDO
10 mA
LM3280
SNOSAU4B – OCTOBER 2006 – REVISED FEBRUARY 2013
www.ti.com
Typical Performance Characteristics (continued)
(VIN = ENBUCK = 3.6V, ENLDOx = BYP = 0V, TA = 25°C, unless otherwise noted)
LDO Turn OFF
LDO Load Transient Response
(ENLDO = High to Low)
(COUT = 1µF)
Figure 9.
Figure 10.
LDO Voltage
LDO Voltage
vs
vs
Supply Voltage
Temperature
Figure 11.
Figure 12.
LDO Dropout Voltage
LDO Voltage vs
vs
Output Current
Output Current
(VIN = 3.6V)
Figure 13.
Figure 14.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3280


유사한 부품 번호 - LM3280_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3280TL-275 NSC-LM3280TL-275 Datasheet
794Kb / 22P
   Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
LM3280TL-280 NSC-LM3280TL-280 Datasheet
794Kb / 22P
   Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
LM3280TL-290 NSC-LM3280TL-290 Datasheet
794Kb / 22P
   Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
LM3280TLX-275 NSC-LM3280TLX-275 Datasheet
794Kb / 22P
   Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
LM3280TLX-280 NSC-LM3280TLX-280 Datasheet
794Kb / 22P
   Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
More results

유사한 설명 - LM3280_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3280 NSC-LM3280 Datasheet
794Kb / 22P
   Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI-LM3205_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM3205 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3218 NSC-LM3218 Datasheet
4Mb / 16P
   650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com