전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3668-Q1 데이터시트(PDF) 9 Page - Texas Instruments

부품명 LM3668-Q1
상세설명  1A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3668-Q1 데이터시트(HTML) 9 Page - Texas Instruments

Back Button LM3668-Q1_15 Datasheet HTML 5Page - Texas Instruments LM3668-Q1_15 Datasheet HTML 6Page - Texas Instruments LM3668-Q1_15 Datasheet HTML 7Page - Texas Instruments LM3668-Q1_15 Datasheet HTML 8Page - Texas Instruments LM3668-Q1_15 Datasheet HTML 9Page - Texas Instruments LM3668-Q1_15 Datasheet HTML 10Page - Texas Instruments LM3668-Q1_15 Datasheet HTML 11Page - Texas Instruments LM3668-Q1_15 Datasheet HTML 12Page - Texas Instruments LM3668-Q1_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
P1
P2
N2
+
-
VIN
Load
SW1
SW2
LM3668-Q1
www.ti.com
SNVSA84A – APRIL 2015 – REVISED MAY 2015
Feature Description (continued)
Figure 7. Simplified Circuit for Boost Operation
7.3.3 Internal Synchronous Rectification
While in PWM mode, the LM3668-Q1 uses an internal MOSFET as a synchronous rectifier to reduce rectifier
forward voltage drop and associated power loss. Synchronous rectification provides a significant improvement in
efficiency whenever the output voltage is relatively low compare to the voltage drop across an ordinary rectifier
diode.
7.3.4 Current Limit Protection
The LM3668-Q1 has current limit protection to prevent excessive stress on itself and external components during
overload conditions. The internal current limit comparator will disable the power device at a typical switch peak
current limit of 1.85 A (typ.).
7.3.5 Undervoltage Protection
The LM3668-Q1 has an UVP comparator to turn the power device off in case the input voltage or battery voltage
is too low . The typical UVP threshold is around 2 V.
7.3.6 Short Circuit Protection
When the output of the LM3668-Q1 is shorted to GND, the current limit is reduced to about half of the typical
current limit value until the short is removed.
7.3.7 Shutdown
When the EN pin is pulled low, P1 and P2 are off; N1 and N2 are turned on to pull SW1 and SW2 to ground.
7.3.8
Thermal Shutdown
The LM3668-Q1 has an internal thermal shutdown function to protect the die from excessive temperatures. The
thermal shutdown trip point is typically 150°C; normal operation resumes when the temperature drops below
125°C.
7.3.9 Start-Up
The LM3668-Q1 has a soft-start circuit that smooth the output voltage and ramp current during start-up. During
start-up the bandgap reference is slowly ramped up and switch current limit is reduced to half the typical value.
Soft start is activated only if EN goes from logic low to logic high after VIN reaches 2.7 V. The start-up time
thereby depends on the output capacitor and load current demanded at start-up. It is not recommended to start
up the device at full load while in soft-start.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3668-Q1


유사한 부품 번호 - LM3668-Q1_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668 TI1-LM3668 Datasheet
4Mb / 26P
[Old version datasheet]   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 TI-LM3668 Datasheet
4Mb / 30P
[Old version datasheet]   1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
More results

유사한 설명 - LM3668-Q1_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3668_0809 NSC-LM3668_0809 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668 TI1-LM3668_14 Datasheet
4Mb / 26P
[Old version datasheet]   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668_08 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668 TI-LM3668_15 Datasheet
4Mb / 30P
[Old version datasheet]   1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
STMicroelectronics
STBB1-APUR STMICROELECTRONICS-STBB1-APUR Datasheet
1Mb / 22P
   1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
logo
Monolithic Power System...
EV2155-Q-00A MPS-EV2155-Q-00A Datasheet
599Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28163-Q-00A MPS-EV28163-Q-00A Datasheet
597Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28164-D-00A MPS-EV28164-D-00A Datasheet
1Mb / 9P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
logo
STMicroelectronics
STBB3J STMICROELECTRONICS-STBB3J Datasheet
1Mb / 25P
   2 A, high efficiency single inductor buck-boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com