전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3674 데이터시트(PDF) 7 Page - Texas Instruments

부품명 LM3674
상세설명  LM3674 2-MHz, 600-mA Step-Down DC-DC Converter in SOT-23
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3674 데이터시트(HTML) 7 Page - Texas Instruments

Back Button LM3674_15 Datasheet HTML 3Page - Texas Instruments LM3674_15 Datasheet HTML 4Page - Texas Instruments LM3674_15 Datasheet HTML 5Page - Texas Instruments LM3674_15 Datasheet HTML 6Page - Texas Instruments LM3674_15 Datasheet HTML 7Page - Texas Instruments LM3674_15 Datasheet HTML 8Page - Texas Instruments LM3674_15 Datasheet HTML 9Page - Texas Instruments LM3674_15 Datasheet HTML 10Page - Texas Instruments LM3674_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
-30
-
10
_
10
_
30
50
_
70
_
90
_
TEMPERATURE (°C)
1.88
_
1.90
_
1.92
_
1.94
_
1.96
_
1.98
_
2.00
VIN = 2.7V
VIN = 4.5V
VIN = 3.6V
IOUT = 300 mA
-10
10
30
50
70
90
110
TEMPERATURE (°C)
100
150
200
250
300
350
400
450
500
550
600
-30
NFET
VIN = 4.5V
PFET
VIN = 2.7V
VIN = 4.5V
VIN = 3.6V
VIN = 3.6V
VIN = 2.7V
LM3674
www.ti.com
SNVS405G – DECEMBER 2005 – REVISED APRIL 2015
Typical Characteristics (continued)
(unless otherwise stated: VIN = 3.6 V, VOUT = 1.5 V, TA = 25°C)
Figure 7. RDSON vs Temperature
Figure 8. Switching Frequency vs Temperature
VOUT = 1.2 V, L = 2.2 µH, DCR = 200 mΩ
VOUT = 1.5 V, L = 2.2 µH, DCR = 200 mΩ
Figure 9. Efficiency vs Output Current
Figure 10. Efficiency vs Output Current
VOUT = 1.8 V, L = 2.2 µH, DCR = 200 mΩ
VOUT = 3.3 V, L = 2.2 µH, DCR = 200 mΩ
Figure 11. Efficiency vs Output Current
Figure 12. Efficiency vs Output Current
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3674


유사한 부품 번호 - LM3674_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
More results

유사한 설명 - LM3674_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
logo
Linear Technology
LTC1701 LINER-LTC1701 Datasheet
138Kb / 12P
   1MHz Step-Down DC/DC Converter in SOT-23
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
   1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
logo
Texas Instruments
LM3676 TI-LM3676_15 Datasheet
3Mb / 25P
[Old version datasheet]   2-MHz 600-mA Step-Down DC-DC Converter With Mode Control
LM3673 TI-LM3673_15 Datasheet
4Mb / 28P
[Old version datasheet]   2-MHz, 350-mA Step-Down DC-DC Converter
LM2840 TI1-LM2840 Datasheet
271Kb / 15P
[Old version datasheet]   100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2841 NSC-LM2841 Datasheet
324Kb / 14P
   300 mA/600 mA up to 42V Input Step-Down DC/DC Regulator in Thin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com