전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3679 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3679
상세설명  3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3679 데이터시트(HTML) 3 Page - Texas Instruments

  LM3679 Datasheet HTML 1Page - Texas Instruments LM3679 Datasheet HTML 2Page - Texas Instruments LM3679 Datasheet HTML 3Page - Texas Instruments LM3679 Datasheet HTML 4Page - Texas Instruments LM3679 Datasheet HTML 5Page - Texas Instruments LM3679 Datasheet HTML 6Page - Texas Instruments LM3679 Datasheet HTML 7Page - Texas Instruments LM3679 Datasheet HTML 8Page - Texas Instruments LM3679 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM3679
www.ti.com
SNVS510A – SEPTEMBER 2007 – REVISED FEBRUARY 2008
ABSOLUTE MAXIMUM RATINGS
(1)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for
availability and specifications.
VIN Pin: Voltage to GND
−0.2V to 6.0V
FB, SW, EN Pin:
(GND
−0.2V) to (VIN + 0.2V)
Continuous Power Dissipation(2)
Internally Limited
Junction Temperature (TJ-MAX)
+125°C
Storage Temperature Range
−65°C to +150°C
Maximum Lead Temperature (Soldering, 10 sec.)
260°C
ESD Rating(3)
Human Body Model: All Pins
2.0 kV
Machine Model: All Pins
200V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ= 150°C (typ.) and
disengages at TJ= 130°C (typ.).
(3)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin. MIL-STD-883 3015.7
OPERATING RATINGS
(1) (2)
Input Voltage Range
2.5V to 5.5V
Recommended Load Current
0mA to 350 mA
Junction Temperature (TJ) Range
−30°C to +125°C
Ambient Temperature (TA) Range
(3)
−30°C to +85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
In Applications where high power dissipation and/or poor package resistance is present, the maximum ambient temperature may have
to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX), the
maximum power dissipation of the device in the application (PD-MAX) and the junction to ambient thermal resistance of the package (θJA)
in the application, as given by the following equation: TA-MAX= TJ-MAX− (θJAx PD-MAX). Refer to Dissipation rating table for PD-MAX values
at different ambient temperatures.
THERMAL PROPERTIES
Junction-to-Ambient Thermal Resistance (
θJA)
(1)
85°C/W
(1)
Junction to ambient thermal resistance is highly application and board layout dependent. In applications where high power dissipation
exists, special care must be given to thermal dissipation issues in board design. Value specified here 85 °C/W is based on
measurement results using a 4 layer board as per JEDEC standards.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3679


유사한 부품 번호 - LM3679

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3679 NSC-LM3679 Datasheet
3Mb / 16P
   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
logo
Texas Instruments
LM3679 TI1-LM3679 Datasheet
5Mb / 22P
[Old version datasheet]   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
logo
National Semiconductor ...
LM3679TL-1.8 NSC-LM3679TL-1.8 Datasheet
3Mb / 16P
   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
LM3679TLX-1.8 NSC-LM3679TLX-1.8 Datasheet
3Mb / 16P
   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
LM3679UR-1.2 NSC-LM3679UR-1.2 Datasheet
3Mb / 16P
   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
More results

유사한 설명 - LM3679

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3679 NSC-LM3679 Datasheet
3Mb / 16P
   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
logo
Texas Instruments
LM3679 TI1-LM3679 Datasheet
5Mb / 22P
[Old version datasheet]   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3673 TI1-LM3673_14 Datasheet
5Mb / 23P
[Old version datasheet]   2MHz, 350mA Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2304 DIODES-PAM2304 Datasheet
449Kb / 12P
   3MHz, 1A STEP-DOWN DC-DC CONVERTER
logo
National Semiconductor ...
LM3670 NSC-LM3670_06 Datasheet
978Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670 TI1-LM3670_14 Datasheet
1Mb / 24P
[Old version datasheet]   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com