전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE9260QX 데이터시트(PDF) 10 Page - Infineon Technologies AG

부품명 TLE9260QX
상세설명  Dedicated Data Sheets are available for the different product variants
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9260QX 데이터시트(HTML) 10 Page - Infineon Technologies AG

Back Button TLE9260QX Datasheet HTML 6Page - Infineon Technologies AG TLE9260QX Datasheet HTML 7Page - Infineon Technologies AG TLE9260QX Datasheet HTML 8Page - Infineon Technologies AG TLE9260QX Datasheet HTML 9Page - Infineon Technologies AG TLE9260QX Datasheet HTML 10Page - Infineon Technologies AG TLE9260QX Datasheet HTML 11Page - Infineon Technologies AG TLE9260QX Datasheet HTML 12Page - Infineon Technologies AG TLE9260QX Datasheet HTML 13Page - Infineon Technologies AG TLE9260QX Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 141 page
background image
TLE9260QX
Pin Configuration
Data Sheet
10
Rev. 1.1, 2014-09-26
Note: all VS Pins must be connected to battery potential or insert a reverse polarity diodes where required;
all GND pins as well as the Cooling Tab must be connected to one common GND potential;
31
INT
Interrupt Output; used as wake-up flag for microcontroller in SBC Stop or Normal
Mode and for indicating failures. Active low.
During start-up used to set the SBC configuration. External pull-up sets config 1/3,
no external pull-up sets config 2/4.
32
RO
Reset Output
33
N.U.
Not Used; Used for internal testing purpose. Do not connect, leave open
34
N.U.
Not Used; Used for internal testing purpose. Do not connect, leave open
35
TXDCAN
Transmit CAN
36
RXDCAN
Receive CAN
37
VCAN
Supply Input; for internal HS-CAN cell
38
GND
GND
39
CANL
CAN Low Bus Pin
40
CANH
CAN High Bus Pin
41
n.c.
not connected; internally not bonded.
42
N.U.
Not Used; Used for internal testing purpose. Do not connect, leave open
43
GND
Ground
44
N.U.
Not Used; Used for internal testing purpose. Do not connect, leave open
45
n.c.
not connected; internally not bonded.
46
n.c.
not connected; internally not bonded.
47
FO2
Fail Output 2 - Side Indicator; Side indicators 1.25Hz 50% duty cycle output;
Open drain. Active LOW.
Alternative Function: GPIO1; configurable pin as WK, or LS, or HS supplied by
VSHS (default is FO2, see also Chapter 12.1.1)
48
FO3/TEST
Fail Output 3 - Pulsed Light Output; Break/rear light 100Hz 20% duty cycle output;
Open drain. Active LOW
TEST; Connect to GND to activate SBC Software Development Mode;
Integrated pull-up resistor. Connect to VS with pull-up resistor or leave open for
normal operation.
Alternative Function: GPIO2; configurable pin as WK, or LS, or HS supplied by
VSHS (default is FO3, see also Chapter 12.1.1)
Cooling
Tab
GND
Cooling Tab - Exposed Die Pad; For cooling purposes only, do not use as an
electrical ground.1)
1) The exposed die pad at the bottom of the package allows better power dissipation of heat from the SBC via the PCB. The
exposed die pad is not connected to any active part of the IC an can be left floating or it can be connected to GND
(recommended) for the best EMC performance.
Pin
Symbol
Function


유사한 부품 번호 - TLE9260QX

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE9260QXV33 INFINEON-TLE9260QXV33 Datasheet
5Mb / 141P
   Dedicated Data Sheets are available for the different product variants
More results

유사한 설명 - TLE9260QX

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE9262QX INFINEON-TLE9262QX Datasheet
6Mb / 163P
   Dedicated Data Sheets are available for the different product variants
TLE9263QXV33 INFINEON-TLE9263QXV33 Datasheet
6Mb / 165P
   Dedicated Data Sheets are available for the different product variants
TLE9263QX INFINEON-TLE9263QX Datasheet
6Mb / 164P
   Dedicated Data Sheets are available for the different product variants
TLE9261-3QX INFINEON-TLE9261-3QX Datasheet
7Mb / 186P
   Dedicated Data Sheets are available for the different product variants
TLE9262-3QXV33 INFINEON-TLE9262-3QXV33 Datasheet
7Mb / 197P
   Dedicated Data Sheets are available for the different product variants
TLE9261QX INFINEON-TLE9261QX Datasheet
6Mb / 153P
   Dedicated Data Sheets are available for the different product variants
TLE9263-3QX INFINEON-TLE9263-3QX Datasheet
7Mb / 198P
   Dedicated Data Sheets are available for the different product variants
TLE9262-3QX INFINEON-TLE9262-3QX Datasheet
7Mb / 197P
   Dedicated Data Sheets are available for the different product variants
TLE9262QXV33 INFINEON-TLE9262QXV33 Datasheet
6Mb / 164P
   Dedicated Data Sheets are available for the different product variants
TLE9260-3QX INFINEON-TLE9260-3QX Datasheet
6Mb / 175P
   Dedicated Data Sheets are available for the different product variants
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com