전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE9260QX 데이터시트(PDF) 11 Page - Infineon Technologies AG

부품명 TLE9260QX
상세설명  Dedicated Data Sheets are available for the different product variants
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9260QX 데이터시트(HTML) 11 Page - Infineon Technologies AG

Back Button TLE9260QX Datasheet HTML 7Page - Infineon Technologies AG TLE9260QX Datasheet HTML 8Page - Infineon Technologies AG TLE9260QX Datasheet HTML 9Page - Infineon Technologies AG TLE9260QX Datasheet HTML 10Page - Infineon Technologies AG TLE9260QX Datasheet HTML 11Page - Infineon Technologies AG TLE9260QX Datasheet HTML 12Page - Infineon Technologies AG TLE9260QX Datasheet HTML 13Page - Infineon Technologies AG TLE9260QX Datasheet HTML 14Page - Infineon Technologies AG TLE9260QX Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 141 page
background image
TLE9260QX
Pin Configuration
Data Sheet
11
Rev. 1.1, 2014-09-26
3.3
Hints for Unused Pins
It must be ensured that the correct configurations are also selected, i.e. in case functions are not used that they
are disabled via SPI:
WK1/2/3: connect to GND and disable WK inputs via SPI
HSx: leave open
CANH/L, RXDCAN, TXDCAN: leave all pins open
RO / FOx: leave open
INT: leave open
TEST: connect to GND during power-up to activate SBC Development Mode;
connect to VS or leave open for normal user mode operation
VCC2: leave open and keep disabled
VCAN: connect to VCC1
n.c.: not connected; internally not bonded; connect to GND
N.U.: Not Used; Used for internal testing purposes only. Do not connect, leave open, i.e. not connected to any
potential on the board. In case N.U. pins are connected on the board an open bridge has to be foreseen to
avoid external disturbances. The bridge can be shorted by a 0 Ω resistance if signal is needed.
3.4
Hints for Alternate Pin Functions
In case of alternate pin functions, selectable via SPI, it must be ensured that the correct configurations are also
selected via SPI, in case it is not done automatically. Please consult the respective chapter. In addition, following
topics shall be considered:
WK1..2: The pins can be either used as HV wake / voltage monitoring inputs or for a voltage measurement
function (via bit WK_MEAS). In the second case, the WK1..2 pins shall not be used / assigned for any wake
detection nor cyclic sense functionality, i.e. WK1 and WK2 must be disabled in the register WK_CTRL_2 and
the level information is to be ignored in the register WK_LVL_STAT.
FO2..3: The pins can also be configured as GPIOs in the GPIO_CTRL register. In this case, the pins shall not
be used for any fail output functionality. The default function after Power on Reset (POR) is FOx.


유사한 부품 번호 - TLE9260QX

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE9260QXV33 INFINEON-TLE9260QXV33 Datasheet
5Mb / 141P
   Dedicated Data Sheets are available for the different product variants
More results

유사한 설명 - TLE9260QX

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE9262QX INFINEON-TLE9262QX Datasheet
6Mb / 163P
   Dedicated Data Sheets are available for the different product variants
TLE9263QXV33 INFINEON-TLE9263QXV33 Datasheet
6Mb / 165P
   Dedicated Data Sheets are available for the different product variants
TLE9263QX INFINEON-TLE9263QX Datasheet
6Mb / 164P
   Dedicated Data Sheets are available for the different product variants
TLE9261-3QX INFINEON-TLE9261-3QX Datasheet
7Mb / 186P
   Dedicated Data Sheets are available for the different product variants
TLE9262-3QXV33 INFINEON-TLE9262-3QXV33 Datasheet
7Mb / 197P
   Dedicated Data Sheets are available for the different product variants
TLE9261QX INFINEON-TLE9261QX Datasheet
6Mb / 153P
   Dedicated Data Sheets are available for the different product variants
TLE9263-3QX INFINEON-TLE9263-3QX Datasheet
7Mb / 198P
   Dedicated Data Sheets are available for the different product variants
TLE9262-3QX INFINEON-TLE9262-3QX Datasheet
7Mb / 197P
   Dedicated Data Sheets are available for the different product variants
TLE9262QXV33 INFINEON-TLE9262QXV33 Datasheet
6Mb / 164P
   Dedicated Data Sheets are available for the different product variants
TLE9260-3QX INFINEON-TLE9260-3QX Datasheet
6Mb / 175P
   Dedicated Data Sheets are available for the different product variants
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com