전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM21212-1 데이터시트(PDF) 4 Page - Texas Instruments

부품명 LM21212-1
상세설명  12A High Efficiency Synchronous Point of Load Buck Regulator with Frequency Synchronization
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM21212-1 데이터시트(HTML) 4 Page - Texas Instruments

  LM21212-1_15 Datasheet HTML 1Page - Texas Instruments LM21212-1_15 Datasheet HTML 2Page - Texas Instruments LM21212-1_15 Datasheet HTML 3Page - Texas Instruments LM21212-1_15 Datasheet HTML 4Page - Texas Instruments LM21212-1_15 Datasheet HTML 5Page - Texas Instruments LM21212-1_15 Datasheet HTML 6Page - Texas Instruments LM21212-1_15 Datasheet HTML 7Page - Texas Instruments LM21212-1_15 Datasheet HTML 8Page - Texas Instruments LM21212-1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LM21212-1
SNVS671E – FEBRUARY 2011 – REVISED MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise stated, the following conditions apply: VPVIN, AVIN = 5V. Limits in standard type are for TJ = 25°C only, limits
in bold face type apply over the junction temperature (TJ) range of −40°C to +125°C. Minimum and maximum limits are
specified through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C,
and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SYSTEM
tRESETSS
DeviceReset to Soft-Start Ramp
50
110
200
µs
OSCILLATOR
fSYNCR
SYNC Frequency Range
300
1500
kHz
fDEFAULT
Default (no SYNC signal) Frequency
950
1000
1050
kHz
tSY_SW
Time from SYNC falling to VSW Rising
200
ns
tSY_MIN
Minimum SYNC pin pulse width, high or low
100
ns
tHSBLANK
HS OCP Blanking Time
Rising edge of SW to ICLR comparison
55
ns
tLSBLANK
LS OCP Blanking Time
Falling edge of SW to ICLF comparison
400
ns
tZXBLANK
Zero Cross Blanking Time
Falling edge of SW to VZX comparison
120
ns
tMINON
Minimum HS on-time
140
ns
ΔVramp
PWM Ramp p-p Voltage
0.8
V
ERROR AMPLIFIER
VOL
Error Amplifier Open Loop Voltage Gain
ICOMP = -65µA to 1mA
95
dBV/V
GBW
Error Amplifier Gain-Bandwidth Product
11
MHz
IFB
Feedback Pin Bias Current
VFB = 0.6V
1
nA
ICOMPSRC
COMP Output Source Current
1
mA
ICOMPSINK
COMP Output Sink Current
65
µA
POWERGOOD
VOVP
Over Voltage Protection Rising Threshold
VFB Rising
105
112.5
120
%VFB
VOVPHYS
Over Voltage Protection Hysteresis
VFB Falling
2
%VFB
VUVP
Under Voltage Protection Rising Threshold
VFB Rising
82
90
97
%VFB
VUVPHYS
Under Voltage Protection Hysteresis
VFB Falling
2.5
%VFB
tPGDGL
PGOOD Deglitch Low (OVP/UVP Condition
15
µs
Duration to PGOOD Falling)
tPGDGH
PGOOD Deglitch High (minimum low pulse)
12
µs
RPGOOD
PGOOD Pull-down Resistance
10
20
40
IPGOODLEAK
PGOOD Leakage Current
VPGOOD = 5V
1
nA
LOGIC
VIHSYNC
SYNC Pin Logic High
2.0
V
VILSYNC
SYNC Pin Logic Low
0.8
V
VIHENR
EN Pin Rising Threshold
VEN Rising
1.20
1.35
1.45
V
VENHYS
EN Pin Hysteresis
50
110
180
mV
IEN
EN Pin Pullup Current
VEN = 0V
2
µA
THERMAL SHUTDOWN
TTHERMSD
Thermal Shutdown
165
°C
TTHERMSDHYS Thermal Shutdown Hysteresis
10
°C
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM21212-1


유사한 부품 번호 - LM21212-1_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM21212-1 NSC-LM21212-1 Datasheet
1Mb / 10P
   evaluation board provides a solution to examine the high efficiency
More results

유사한 설명 - LM21212-1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator
LM21215MHX TI1-LM21215MHX Datasheet
1Mb / 33P
[Old version datasheet]   15A High Efficiency Point of Load Synchronous Buck Regulator
logo
Shenzhen Guan Hua Wei Y...
WSG02P06 WIINSOK-WSG02P06 Datasheet
2Mb / 5P
   High Frequency Point-of-Load Synchronous Buck Converter.
WSF30100D WIINSOK-WSF30100D Datasheet
1Mb / 5P
   High Frequency Point-of-Load Synchronous Buck Converter
logo
International Rectifier
IRF7805ZTRPBF IRF-IRF7805ZTRPBF Datasheet
275Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter
IRF7831TRPBF IRF-IRF7831TRPBF Datasheet
275Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter
logo
Texas Instruments
LM21212-2 TI1-LM21212-2_14 Datasheet
1Mb / 32P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
LM21212-2 TI-LM21212-2_15 Datasheet
1Mb / 31P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
LM21215A TI1-LM21215A Datasheet
493Kb / 26P
[Old version datasheet]   LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
LM21215A TI-LM21215A_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com