전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM22671-Q1 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 LM22671-Q1
상세설명  LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM22671-Q1 데이터시트(HTML) 2 Page - Texas Instruments

  LM22671-Q1 Datasheet HTML 1Page - Texas Instruments LM22671-Q1 Datasheet HTML 2Page - Texas Instruments LM22671-Q1 Datasheet HTML 3Page - Texas Instruments LM22671-Q1 Datasheet HTML 4Page - Texas Instruments LM22671-Q1 Datasheet HTML 5Page - Texas Instruments LM22671-Q1 Datasheet HTML 6Page - Texas Instruments LM22671-Q1 Datasheet HTML 7Page - Texas Instruments LM22671-Q1 Datasheet HTML 8Page - Texas Instruments LM22671-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LM22671, LM22671-Q1
SNVS589N – SEPTEMBER 2008 – REVISED NOVEMBER 2014
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 13
1
Features .................................................................. 1
8
Application and Implementation ........................ 16
2
Applications ........................................................... 1
8.1
Application Information............................................ 16
3
Description ............................................................. 1
8.2
Typical Application .................................................. 17
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 20
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 20
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 20
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Example .................................................... 21
6.2
Handling Ratings: LM22671...................................... 4
10.3
Thermal Considerations ........................................ 22
6.3
Handling Ratings: LM22671-Q1................................ 4
11
Device and Documentation Support ................. 23
6.4
Recommended Operating Conditions ....................... 4
11.1
Documentation Support ........................................ 23
6.5
Thermal Information .................................................. 4
11.2
Related Links ........................................................ 23
6.6
Electrical Characteristics........................................... 5
11.3
Trademarks ........................................................... 23
6.7
Typical Characteristics .............................................. 6
11.4
Electrostatic Discharge Caution ............................ 23
7
Detailed Description .............................................. 8
11.5
Glossary ................................................................ 23
7.1
Overview ................................................................... 8
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ......................................... 8
Information ........................................................... 23
7.3
Feature Description................................................... 9
4 Revision History
Changes from Revision M (April 2013) to Revision N
Page
Added Pin Configuration and Functions section, Handling Rating table, Thermal Information table, Feature
Description section, Device Functional Modes, Application and Implementation section, Power Supply
Recommendations section, Layout section, Device and Documentation Support section, and Mechanical,
Packaging, and Orderable Information section ..................................................................................................................... 1
Changes from Revision L (April 2013) to Revision M
Page
Changed from National format to the TI format ..................................................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM22671 LM22671-Q1


유사한 부품 번호 - LM22671-Q1

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671 NSC-LM22671 Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22671 TI-LM22671 Datasheet
1Mb / 25P
[Old version datasheet]   LM22671/LM22671-Q1 42V, 500mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator
logo
National Semiconductor ...
LM22671MR-5.0 NSC-LM22671MR-5.0 Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671MR-5.0 NSC-LM22671MR-5.0 Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results

유사한 설명 - LM22671-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM22674 TI-LM22674_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22674/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22671Q NSC-LM22671Q Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22671MRE-50 TI-LM22671MRE-50 Datasheet
1Mb / 25P
[Old version datasheet]   LM22671/LM22671-Q1 42V, 500mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator
LM22674 TI-LM22674 Datasheet
2Mb / 22P
[Old version datasheet]   LM22674/LM22674-Q1 42V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22677 TI-LM22677_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
LM22679 TI-LM22679_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER짰 Step-Down Voltage Regulator With Features
LM22673 TI-LM22673_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com