전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM26003 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 LM26003
상세설명  LM26003-xx 3-A Switching Regulator With High Efficiency Sleep Mode
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM26003 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM26003 Datasheet HTML 6Page - Texas Instruments LM26003 Datasheet HTML 7Page - Texas Instruments LM26003 Datasheet HTML 8Page - Texas Instruments LM26003 Datasheet HTML 9Page - Texas Instruments LM26003 Datasheet HTML 10Page - Texas Instruments LM26003 Datasheet HTML 11Page - Texas Instruments LM26003 Datasheet HTML 12Page - Texas Instruments LM26003 Datasheet HTML 13Page - Texas Instruments LM26003 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
sleep
wake
0.6V
2.5 2A
+
-
0.9V
V clamp
+
-
+
-
SS
logic
+
-
TSD
VDD_low
ss end
blanking
qn
qn
fpwm
Sync and
bootstrap
control
fpwm
Sync
Sync
5 2A
VDD_low
EN
FB
SW
SW
FPWM
COMP
PGOOD
SS
AGND
SYNC
BOOT
VIN
VBIAS
VDD
AVIN
SD
+
-
+
-
+
-
Clock / Sync
BG
BG
+
I Sense
PWM
Comp
BG
IREF
TSD
FPWM / Sleep
Peak Current
Control
Sleep
Reset
EA
PG
0.92BG
+
-
Corrective
Ramp
PWM Control
Logic
+
-
+
-
Sleep
Set
LDO
UVLO
on
Switchover
control
VREG
sleep
EP
frequency
foldback
FREQ
soft start
on
SD
ff
ff
PGND
1 2s/DIV
Vout
10 mV/Div
IL
500 mA/Div
ID
1A/Div
VSW
5V/Div
LM26003, LM26003-Q1
SNVS576F – AUGUST 2008 – REVISED FEBRUARY 2015
www.ti.com
8 Detailed Description
8.1 Overview
The LM26003 device is a current mode PWM buck regulator. At the beginning of each clock cycle, the internal
high-side switch turns on, allowing current to ramp-up in the inductor. The inductor current is internally monitored
during each switching cycle. A control signal derived from the inductor current is compared to the voltage control
signal at the COMP pin, derived from the feedback voltage. When the inductor current reaches its threshold, the
high-side switch is turned off and inductor current ramps-down. While the switch is off, inductor current is
supplied through the catch diode. This cycle repeats at the next clock cycle. In this way, duty-cycle and output
voltage are controlled by regulating inductor current. Current mode control provides superior line and load
regulation. Other benefits include cycle-by-cycle current limiting and a simplified compensation scheme. Typical
PWM waveforms are shown in Figure 10.
Figure 10. PWM Waveforms 1A-Load, Vin = 12 V
8.2 Functional Block Diagram
10
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM26003 LM26003-Q1


유사한 부품 번호 - LM26003

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
LM26003MH NSC-LM26003MH Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
LM26003MHX NSC-LM26003MHX Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
More results

유사한 설명 - LM26003

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001 TI1-LM26001_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 TI-LM26001_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
LM26001B TI-LM26001B_15 Datasheet
1,017Kb / 27P
[Old version datasheet]   LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
LM2770 TI-LM2770_15 Datasheet
2Mb / 20P
[Old version datasheet]   High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
logo
National Semiconductor ...
LM2770 NSC-LM2770 Datasheet
796Kb / 14P
   High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com