전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM34919B 데이터시트(PDF) 6 Page - Texas Instruments

부품명 LM34919B
상세설명  Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM34919B 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM34919B_15 Datasheet HTML 2Page - Texas Instruments LM34919B_15 Datasheet HTML 3Page - Texas Instruments LM34919B_15 Datasheet HTML 4Page - Texas Instruments LM34919B_15 Datasheet HTML 5Page - Texas Instruments LM34919B_15 Datasheet HTML 6Page - Texas Instruments LM34919B_15 Datasheet HTML 7Page - Texas Instruments LM34919B_15 Datasheet HTML 8Page - Texas Instruments LM34919B_15 Datasheet HTML 9Page - Texas Instruments LM34919B_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
LM34919B
LM34919B-Q1
SNVS623B – MAY 2010 – REVISED JULY 2013
www.ti.com
Typical Performance Characteristics
Efficiency at 2.1 MHz, 3.3V
Efficiency at 250 kHz, 3.3V
Figure 3.
Figure 4.
Efficiency at 2.1 MHz, 5V
VCC vs. VIN
Figure 5.
Figure 6.
VCC vs. ICC
ICC vs. Externally Applied VCC
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM34919B LM34919B-Q1


유사한 부품 번호 - LM34919B_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM34919B NSC-LM34919B_1 Datasheet
647Kb / 12P
   Evaluation Board provides the design engineer with a fully functional
More results

유사한 설명 - LM34919B_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM34919 TI1-LM34919_14 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919_15 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM34919 NSC-LM34919_08 Datasheet
387Kb / 18P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923 Datasheet
1Mb / 26P
[Old version datasheet]   80-V 600-mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI-LM5006_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com