전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTB04AL-9-SW-TA3-T 데이터시트(PDF) 1 Page - Unisonic Technologies

부품명 BTB04AL-9-SW-TA3-T
상세설명  SENSITIVE GATE TRIACS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTB04AL-9-SW-TA3-T 데이터시트(HTML) 1 Page - Unisonic Technologies

  BTB04AL-9-SW-TA3-T Datasheet HTML 1Page - Unisonic Technologies BTB04AL-9-SW-TA3-T Datasheet HTML 2Page - Unisonic Technologies BTB04AL-9-SW-TA3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BTB04A
Preliminary
TRIAC
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R401-055.c
SENSITIVE GATE TRIACS
DESCRIPTION
The UTC BTB04A is a 4A triacs which can be operated in 3
quadrants, it uses UTC’s advanced technology to provide
customers with high commutation performances.
The UTC BTB04A is suitable for inductive load switching
operations, also can be used in ON/OFF function applications such
as induction motor starting circuits, heating regulation, static relays
etc.
FEATURES
* Low gate trigger current
* Low holding current
SYMBOL
TO-252
1
TO-251
1
TO-220
1
TO-252D
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
BTB04AL-x-xx-TA3-T
BTB04AG-x-xx-TA3-T
TO-220
MT1 MT2
G
Tube
BTB04AL-x-xx-TM3-T
BTB04AG-x-xx-TM3-T
TO-251
MT1 MT2
G
Tube
BTB04AL-x-xx-TN3-R
BTB04AG-x-xx-TN3-R
TO-252
MT1 MT2
G
Tape Reel
BTB04AL-x-xx-TND-R
BTB04AG-x-xx-TND-R
TO-252D
MT1 MT2
G
Tape Reel
BTB04AL-x-xx-TM3-T
(1)Packing Type
(2)Package Type
(3)Sensitivity and type
(4)Voltage
(5)Lead Free
(1) T: Tube, R: Tape Reel
(2) TA3: TO-220, TM3: TO-251, TN3: TO-252
TND: TO-252D
(3) refer to SENSITIVITY AND TYPE
(4) 9: 900V
(5) L: Lead Free, G: Halogen Free
SENSITIVITY AND TYPE
PART NUMBER
VOLTAGE
SENSITIVITY
TYPE
SW
900V
10mA
LOGIC LEVEL
MARKING


유사한 부품 번호 - BTB04AL-9-SW-TA3-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
BTB04AL-9-SW-TM3-T UTC-BTB04AL-9-SW-TM3-T Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
BTB04AL-9-SW-TN3-R UTC-BTB04AL-9-SW-TN3-R Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
More results

유사한 설명 - BTB04AL-9-SW-TA3-T

제조업체부품명데이터시트상세설명
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com