전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1034CX 데이터시트(PDF) 1 Page - Vishay Telefunken

부품명 SI1034CX
상세설명  Dual N-Channel 20 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1034CX 데이터시트(HTML) 1 Page - Vishay Telefunken

  SI1034CX Datasheet HTML 1Page - Vishay Telefunken SI1034CX Datasheet HTML 2Page - Vishay Telefunken SI1034CX Datasheet HTML 3Page - Vishay Telefunken SI1034CX Datasheet HTML 4Page - Vishay Telefunken SI1034CX Datasheet HTML 5Page - Vishay Telefunken SI1034CX Datasheet HTML 6Page - Vishay Telefunken SI1034CX Datasheet HTML 7Page - Vishay Telefunken SI1034CX Datasheet HTML 8Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
Si1034CX
Document Number: 67468
S13-1614-Rev. C, 29-Jul-13
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical support, please contact: pmostechsupport@vishay.com
Dual N-Channel 20 V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
•100 % Rg Tested
Gate-Source ESD Protected: 1000 V
Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
Load/Power Switching for Portable Devices
Drivers: Relays, Solenoids, Lamps, Hammers, Displays,
Memories
Battery Operated Systems
Power Supply Converter Circuits
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. t = 5 s.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
Qg (Typ.)
20
0.396 at VGS = 4.5 V
0.5
0.75
0.456 at VGS = 2.5 V
0.2
0.546 at VGS = 1.8 V
0.2
0.760 at VGS = 1.5 V
0.05
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
0.61a, b
A
TA = 70 °C
0.49a, b
Pulsed Drain Current
IDM
2
Continuous Source-Drain Diode Current
TA = 25 °C
IS
0.18a, b
A
Maximum Power Dissipationa
TA = 25 °C
PD
0.22a, b
W
TA = 70 °C
0.14a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typ.
Max.
Unit
Maximum Junction-to-Ambientb
t
5 s
RthJA
470
565
°C/W
Steady State
560
675
Ordering Information: Si1034CX-T1-GE3 (Lead (Pb)-free and Halogen-free)
Marking Code
4
XX
Lot Traceability
and Date Code
Part # Code
Top View
3
1
D2
G2
S1
5
2
4
6D1
S2
G1
SC-89


유사한 부품 번호 - SI1034CX

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1034CX VISHAY-SI1034CX Datasheet
131Kb / 8P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Feb-11
SI1034CX VISHAY-SI1034CX Datasheet
162Kb / 8P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1034CX VISHAY-SI1034CX_V01 Datasheet
162Kb / 8P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI1034CX

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com