전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1050X 데이터시트(PDF) 2 Page - Vishay Telefunken

부품명 SI1050X
상세설명  N-Channel 8 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1050X 데이터시트(HTML) 2 Page - Vishay Telefunken

  SI1050X Datasheet HTML 1Page - Vishay Telefunken SI1050X Datasheet HTML 2Page - Vishay Telefunken SI1050X Datasheet HTML 3Page - Vishay Telefunken SI1050X Datasheet HTML 4Page - Vishay Telefunken SI1050X Datasheet HTML 5Page - Vishay Telefunken SI1050X Datasheet HTML 6Page - Vishay Telefunken SI1050X Datasheet HTML 7Page - Vishay Telefunken SI1050X Datasheet HTML 8Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number: 73896
S10-2544-Rev. D, 08-Nov-10
Vishay Siliconix
Si1050X
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
8V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
18.2
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
- 2.55
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.35
0.9
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 5 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 8 V, VGS = 0 V
1
µA
VDS = 8 V, VGS = 0 V, TJ = 85 °C
10
On-State Drain Currenta
ID(on)
VDS =  5 V, VGS = 4.5 V
6
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 1.34 A
0.071
0.086
VGS = 2.5 V, ID = 1.29 A
0.078
0.093
VGS = 1.8 V, ID = 1.23 A
0.085
0.102
VGS = 1.5 V, ID = 0.76 A
0.092
0.120
Forward Transconductance
gfs
VDS = 4 V, ID = 1.34 A
4.12
S
Dynamicb
Input Capacitance
Ciss
VDS = 4 V, VGS = 0 V, f = 1 MHz
585
pF
Output Capacitance
Coss
190
Reverse Transfer Capacitance
Crss
130
Total Gate Charge
Qg
VDS = 4 V, VGS = 5 V, ID = 1.34 A
7.7
11.6
nC
VDS = 4 V, VGS = 4.5 V, ID = 1.34 A
7.1
10.7
Gate-Source Charge
Qgs
1.14
Gate-Drain Charge
Qgd
1.69
Gate Resistance
Rg
f = 1 MHz
3.5
4.6
Turn-On Delay Time
td(on)
VDD = 4 V, RL = 3.6 
ID  1.1 A, VGEN = 4.5 V, Rg = 1 
6.8
10.2
ns
Rise Time
tr
35
53
Turn-Off DelayTime
td(off)
25
37.5
Fall Time
tf
69
Drain-Source Body Diode Characteristics
Pulse Diode Forward Currenta
ISM
6A
Body Diode Voltage
VSD
IS = 1.0 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 1.0 A, dI/dt = 100 A/µs
18.5
28
nC
Body Diode Reverse Recovery Charge
Qrr
3.7
5.7
ns
Reverse Recovery Fall Time
ta
6.7
Reverse Recovery Rise Time
tb
11.8


유사한 부품 번호 - SI1050X

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1050X VISHAY-SI1050X Datasheet
122Kb / 6P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1050X VISHAY-SI1050X Datasheet
122Kb / 6P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1050X VISHAY-SI1050X Datasheet
124Kb / 8P
   N-Channel 8 V (D-S) MOSFET
Rev. D, 08-Nov-10
SI1050X VISHAY-SI1050X Datasheet
154Kb / 8P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SI1050X-T1-E3 VISHAY-SI1050X-T1-E3 Datasheet
122Kb / 6P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results

유사한 설명 - SI1050X

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7100DN VISHAY-SI7100DN Datasheet
549Kb / 14P
   N-Channel 8-V (D-S) MOSFET
Rev. C, 17-Mar-08
SI8466EDB VISHAY-SI8466EDB Datasheet
141Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
logo
Vishay Telefunken
SI2342DS TFUNK-SI2342DS Datasheet
247Kb / 8P
   N-Channel 8 V (D-S) MOSFET
SI8466EDB TFUNK-SI8466EDB Datasheet
167Kb / 9P
   N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI8802DB VISHAY-SI8802DB_V01 Datasheet
139Kb / 8P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SI2342DS VISHAY-SI2342DS_V01 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2342DS VISHAY-SI2342DS_V02 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SIA414DJ VISHAY-SIA414DJ_08 Datasheet
193Kb / 9P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 03-Mar-08
SI8416DB VISHAY-SI8416DB Datasheet
142Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 26-Dec-11
SI8424CDB VISHAY-SI8424CDB Datasheet
243Kb / 11P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
SI1050X VISHAY-SI1050X_08 Datasheet
122Kb / 6P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com