전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1553CDL 데이터시트(PDF) 3 Page - Vishay Telefunken

부품명 SI1553CDL
상세설명  N- and P-Channel 20 V (D-S) MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1553CDL 데이터시트(HTML) 3 Page - Vishay Telefunken

  SI1553CDL Datasheet HTML 1Page - Vishay Telefunken SI1553CDL Datasheet HTML 2Page - Vishay Telefunken SI1553CDL Datasheet HTML 3Page - Vishay Telefunken SI1553CDL Datasheet HTML 4Page - Vishay Telefunken SI1553CDL Datasheet HTML 5Page - Vishay Telefunken SI1553CDL Datasheet HTML 6Page - Vishay Telefunken SI1553CDL Datasheet HTML 7Page - Vishay Telefunken SI1553CDL Datasheet HTML 8Page - Vishay Telefunken SI1553CDL Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Si1553CDL
www.vishay.com
Vishay Siliconix
S14-1130-Rev. B, 02-Jun-14
3
Document Number: 67693
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Dynamic a
Turn-On Delay Time
td(on)
N-Channel
VDD = 10 V, RL = 20
Ω
ID
≅ 0.5 A, VGEN = 10 V, Rg = 1 Ω
P-Channel
VDD = -10 V, RL = 25
Ω
ID
≅ -0.4 A, VGEN = -10 V, Rg = 1 Ω
N-Ch
-
2
4
ns
P-Ch
-
2
4
Rise Time
tr
N-Ch
-
14
21
P-Ch
-
9
18
Turn-Off Delay Time
td(off)
N-Ch
-
11
20
P-Ch
-
10
20
Fall Time
tf
N-Ch
-
7
14
P-Ch
-
7
14
Turn-On Delay Time
td(on)
N-Channel
VDD = 10 V, RL = 20
Ω
ID
≅ 0.5 A, VGEN = 4.5 V, Rg = 1 Ω
P-Channel
VDD = -10 V, RL = 25
Ω
ID
≅ -0.4 A, VGEN = -4.5 V, Rg = 1 Ω
N-Ch
-
16
24
P-Ch
-
15
23
Rise Time
tr
N-Ch
-
22
33
P-Ch
-
15
23
Turn-Off Delay Time
td(off)
N-Ch
-
22
33
P-Ch
-
12
20
Fall Time
tf
N-Ch
-
13
20
P-Ch
-
8
16
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode
Current
IS
TC = 25 °C
N-Ch
-
-
0.3
A
P-Ch
-
-
-0.3
Pulse Diode Forward Current a
ISM
N-Ch
-
-
2
P-Ch
-
-
-1
Body Diode Voltage
VSD
IS = 0.5 A
N-Ch
-
0.8
1.2
V
IS = -0.4 A
P-Ch
-
-0.8
-1.2
Body Diode Reverse Recovery Time
trr
N-Channel
IF = 0.5 A, dI/dt = 100 A/μs, TJ = 25 °C
P-Channel
IF = -0.4 A, dI/dt = -100 A/μs, TJ = 25 °C
N-Ch
-
8
15
ns
P-Ch
-
12
20
Body Diode Reverse Recovery Charge
Qrr
N-Ch
-
1
2
nC
P-Ch
-
5
10
Reverse Recovery Fall Time
ta
N-Ch
-
4
-
ns
P-Ch
-
9
-
Reverse Recovery Rise Time
tb
N-Ch
-
4
-
P-Ch
-
3
-
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP. a
MAX.
UNIT


유사한 부품 번호 - SI1553CDL

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI1553CDL VISHAY-SI1553CDL Datasheet
278Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI1553CDL-T1-GE3 VBSEMI-SI1553CDL-T1-GE3 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1553CDL-T1-GE3 VISHAY-SI1553CDL-T1-GE3 Datasheet
278Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1553CDL VISHAY-SI1553CDL_V01 Datasheet
278Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI1553CDL

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Dec-09
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com