전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1922ED 데이터시트(PDF) 2 Page - Vishay Telefunken

부품명 SI1922ED
상세설명  Dual N-Channel 20 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1922ED 데이터시트(HTML) 2 Page - Vishay Telefunken

  SI1922ED Datasheet HTML 1Page - Vishay Telefunken SI1922ED Datasheet HTML 2Page - Vishay Telefunken SI1922ED Datasheet HTML 3Page - Vishay Telefunken SI1922ED Datasheet HTML 4Page - Vishay Telefunken SI1922ED Datasheet HTML 5Page - Vishay Telefunken SI1922ED Datasheet HTML 6Page - Vishay Telefunken SI1922ED Datasheet HTML 7Page - Vishay Telefunken SI1922ED Datasheet HTML 8Page - Vishay Telefunken SI1922ED Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 67192
S11-2307-Rev. B, 21-Nov-11
Vishay Siliconix
Si1922EDH
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
20
V
VDS Temperature Coefficient
ΔVDS/TJ
ID = 250 µA
20
mV/°C
VGS(th) Temperature Coefficient
ΔVGS(th)/TJ
- 2.3
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.4
1
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 25
µA
VDS = 0 V, VGS = ± 4.5 V
1
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
µA
VDS = 20 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≤ 5 V, VGS = 4.5 V
4
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 1 A
0.165
0.198
Ω
VGS = 2.5 V, ID = 1 A
0.187
0.225
VGS = 1.8 V, ID = 0.2 A
0.210
0.263
Forward Transconductancea
gfs
VDS = 4 V, ID = 1.5 A
4
S
Dynamicb
Total Gate Charge
Qg
VDS = 10 V, VGS = 8 V, ID = 1.5 A
1.6
2.5
nC
VDS = 10 V, VGS = 4.5 V, ID = 1.5 A
0.9
1.8
Gate-Source Charge
Qgs
0.1
Gate-Drain Charge
Qgd
0.2
Gate Resistance
Rg
f = 1 MHz
0.4
1.9
3.8
k
Ω
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 8.3 Ω
ID ≅ 1.2 A, VGEN = 4.5 V, Rg = 1 Ω
43
65
ns
Rise Time
tr
80
120
Turn-Off Delay Time
td(off)
480
720
Fall Time
tf
220
330
Turn-on Delay Time
td(on)
VDD = 10 V, RL = 8.3 Ω
ID ≅ 1.2 A, VGEN = 8 V, Rg = 1 Ω
22
33
Rise Time
tr
46
70
Turn-Off Delay Time
td(off)
645
968
Fall Time
tr
215
323
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
1
A
Pulse Diode Forward Current
ISM
4
Body Diode Voltage
VSD
IS = 1.2 A, VGS = 0 V
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 1.2 A, dI/dt = 100 A/µs, TJ = 25 °C
918
ns
Body Diode Reverse Recovery Charge
Qrr
24
nC
Reverse Recovery Fall Time
ta
5
ns
Reverse Recovery Rise Time
tb
4


유사한 부품 번호 - SI1922ED

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1922EDH VISHAY-SI1922EDH Datasheet
261Kb / 12P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 29-Nov-10
SI1922EDH VISHAY-SI1922EDH Datasheet
265Kb / 12P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1922EDH VISHAY-SI1922EDH_V01 Datasheet
265Kb / 12P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI1922ED

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com