전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SIA537EDJ 데이터시트(PDF) 11 Page - Vishay Telefunken

부품명 SIA537EDJ
상세설명  N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIA537EDJ 데이터시트(HTML) 11 Page - Vishay Telefunken

Back Button SIA537EDJ Datasheet HTML 6Page - Vishay Telefunken SIA537EDJ Datasheet HTML 7Page - Vishay Telefunken SIA537EDJ Datasheet HTML 8Page - Vishay Telefunken SIA537EDJ Datasheet HTML 9Page - Vishay Telefunken SIA537EDJ Datasheet HTML 10Page - Vishay Telefunken SIA537EDJ Datasheet HTML 11Page - Vishay Telefunken SIA537EDJ Datasheet HTML 12Page - Vishay Telefunken SIA537EDJ Datasheet HTML 13Page - Vishay Telefunken SIA537EDJ Datasheet HTML 14Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SiA537EDJ
www.vishay.com
Vishay Siliconix
S13-2635-Rev. A, 30-Dec-13
11
Document Number: 62934
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
P-CHANNEL TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Normalized Thermal Transient Impedance, Junction-to-Case
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?62934.
1
0.1
0.01
10-3
10-2
1
10
1000
10-1
10-4
100
Square Wave Pulse Duration (s)
Single Pulse
0.02
0.05
0.1
0.2
Duty Cycle = 0.5
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 110 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
10-3
10-2
10-1
10-4
1
0.01
Square Wave Pulse Duration (s)
Duty Cycle = 0.5
0.2
0.1
Single Pulse
0.02
0.05


유사한 부품 번호 - SIA537EDJ

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SIA537EDJ VISHAY-SIA537EDJ Datasheet
401Kb / 14P
   N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
Rev. A, 30-Dec-13
logo
SHENZHEN DOINGTER SEMIC...
SIA537EDJ DOINGTER-SIA537EDJ Datasheet
1Mb / 7P
   N-Channel and P-Channel MOSFET uses advanced trench technology To provide excellent RDS(ON)
logo
Vishay Siliconix
SIA537EDJ VISHAY-SIA537EDJ Datasheet
401Kb / 14P
   N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SIA537EDJ-T1-GE3 VISHAY-SIA537EDJ-T1-GE3 Datasheet
401Kb / 14P
   N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SIA537EDJ VISHAY-SIA537EDJ_V01 Datasheet
401Kb / 14P
   N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SIA537EDJ

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SIA537EDJ VISHAY-SIA537EDJ_V01 Datasheet
401Kb / 14P
   N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SIA537EDJ VISHAY-SIA537EDJ Datasheet
401Kb / 14P
   N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
Rev. A, 30-Dec-13
SIA527DJ VISHAY-SIA527DJ Datasheet
333Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 29-Jul-13
SMMA511DJ VISHAY-SMMA511DJ Datasheet
264Kb / 14P
   N- and P-Channel 12 V (D-S) MOSFET
Rev. B, 05-Oct-09
SI7540DP VISHAY-SI7540DP Datasheet
74Kb / 8P
   N- and P-Channel 12-V (D-S) MOSFET
Rev.. C, 16-Dec-02
SIA527DJ VISHAY-SIA527DJ_V01 Datasheet
343Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI7540DP VISHAY-SI7540DP_09 Datasheet
534Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
logo
Vishay Telefunken
SI7540DP TFUNK-SI7540DP Datasheet
365Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI7540DP VISHAY-SI7540DP_15 Datasheet
361Kb / 16P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
SIA511DJ VISHAY-SIA511DJ Datasheet
321Kb / 6P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 19-Nov-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com