전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SIA537EDJ 데이터시트(PDF) 12 Page - Vishay Telefunken

부품명 SIA537EDJ
부품 상세설명  N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIA537EDJ 데이터시트(HTML) 12 Page - Vishay Telefunken

Back Button SIA537EDJ Datasheet HTML 6Page - Vishay Telefunken SIA537EDJ Datasheet HTML 7Page - Vishay Telefunken SIA537EDJ Datasheet HTML 8Page - Vishay Telefunken SIA537EDJ Datasheet HTML 9Page - Vishay Telefunken SIA537EDJ Datasheet HTML 10Page - Vishay Telefunken SIA537EDJ Datasheet HTML 11Page - Vishay Telefunken SIA537EDJ Datasheet HTML 12Page - Vishay Telefunken SIA537EDJ Datasheet HTML 13Page - Vishay Telefunken SIA537EDJ Datasheet HTML 14Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Vishay Siliconix
Package Information
Document Number: 73001
06-Aug-07
www.vishay.com
1
PowerPAK® SC70-6L
DIM
SINGLE PAD
DUAL PAD
MILLIMETERS
INCHES
MILLIMETERS
INCHES
Min
Nom
Max
Min
Nom
Max
Min
Nom
Max
Min
Nom
Max
A
0.675
0.75
0.80
0.027
0.030
0.032
0.675
0.75
0.80
0.027
0.030
0.032
A1
0
-
0.05
0
-
0.002
0
-
0.05
0
-
0.002
b
0.23
0.30
0.38
0.009
0.012
0.015
0.23
0.30
0.38
0.009
0.012
0.015
C
0.15
0.20
0.25
0.006
0.008
0.010
0.15
0.20
0.25
0.006
0.008
0.010
D
1.98
2.05
2.15
0.078
0.081
0.085
1.98
2.05
2.15
0.078
0.081
0.085
D1
0.85
0.95
1.05
0.033
0.037
0.041
0.513
0.613
0.713
0.020
0.024
0.028
D2
0.135
0.235
0.335
0.005
0.009
0.013
E
1.98
2.05
2.15
0.078
0.081
0.085
1.98
2.05
2.15
0.078
0.081
0.085
E1
1.40
1.50
1.60
0.055
0.059
0.063
0.85
0.95
1.05
0.033
0.037
0.041
E2
0.345
0.395
0.445
0.014
0.016
0.018
E3
0.425
0.475
0.525
0.017
0.019
0.021
e
0.65 BSC
0.026 BSC
0.65 BSC
0.026 BSC
K
0.275 TYP
0.011 TYP
0.275 TYP
0.011 TYP
K1
0.400 TYP
0.016 TYP
0.320 TYP
0.013 TYP
K2
0.240 TYP
0.009 TYP
0.252 TYP
0.010 TYP
K3
0.225 TYP
0.009 TYP
K4
0.355 TYP
0.014 TYP
L
0.175
0.275
0.375
0.007
0.011
0.015
0.175
0.275
0.375
0.007
0.011
0.015
T
0.05
0.10
0.15
0.002
0.004
0.006
ECN: C-07431
− Rev. C, 06-Aug-07
DWG: 5934
BACKSIDE VIEW OF SINGLE
BACKSIDE VIEW OF DUAL
Notes:
1. All dimensions are in millimeters
2. Package outline exclusive of mold flash and metal burr
3. Package outline inclusive of plating
PIN1
PIN6
PIN5
PIN4
PIN2
PIN3
A
Z
DETAIL Z
z
D
K1
K2
K3
K2
K2
e
b
b
e
PIN6
PIN5
PIN4
PIN1
PIN3
PIN2
D1
D2
D1
D1
K1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn