전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SIA537EDJ 데이터시트(PDF) 5 Page - Vishay Telefunken

부품명 SIA537EDJ
부품 상세설명  N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIA537EDJ 데이터시트(HTML) 5 Page - Vishay Telefunken

  SIA537EDJ Datasheet HTML 1Page - Vishay Telefunken SIA537EDJ Datasheet HTML 2Page - Vishay Telefunken SIA537EDJ Datasheet HTML 3Page - Vishay Telefunken SIA537EDJ Datasheet HTML 4Page - Vishay Telefunken SIA537EDJ Datasheet HTML 5Page - Vishay Telefunken SIA537EDJ Datasheet HTML 6Page - Vishay Telefunken SIA537EDJ Datasheet HTML 7Page - Vishay Telefunken SIA537EDJ Datasheet HTML 8Page - Vishay Telefunken SIA537EDJ Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SiA537EDJ
www.vishay.com
Vishay Siliconix
S13-2635-Rev. A, 30-Dec-13
5
Document Number: 62934
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-CHANNEL TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Gate Charge
Source-Drain Diode Forward Voltage
Threshold Voltage
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power (Junction-to-Ambient)
0
2
4
6
8
04
8
12
VDS =9.6 V
VDS =6V
ID =6.8 A
VDS =3V
Qg - Total Gate Charge (nC)
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 25 °C
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
- 50
- 25
0
25
50
75
100
125
150
VGS =4.5 V, 2.5V; ID =5.5 A
VGS =1.8 V; ID =2.5 A
TJ - Junction Temperature (°C)
0.00
0.02
0.04
0.06
0.08
0
1234
5
ID = 5.2 A; TJ = 25 °C
ID =2.5 A;
TJ = 25 °C
ID = 5.2 A; TJ = 125 °C
ID =2.5 A; TJ = 125 °C
VGS - Gate-to-Source Voltage (V)
1000
100
1
0.001
0.01
0.1
10
Pulse (s)
20
10
5
15
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn