전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2366DS 데이터시트(PDF) 1 Page - Vishay Telefunken

부품명 SI2366DS
상세설명  N-Channel 30 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI2366DS 데이터시트(HTML) 1 Page - Vishay Telefunken

  SI2366DS Datasheet HTML 1Page - Vishay Telefunken SI2366DS Datasheet HTML 2Page - Vishay Telefunken SI2366DS Datasheet HTML 3Page - Vishay Telefunken SI2366DS Datasheet HTML 4Page - Vishay Telefunken SI2366DS Datasheet HTML 5Page - Vishay Telefunken SI2366DS Datasheet HTML 6Page - Vishay Telefunken SI2366DS Datasheet HTML 7Page - Vishay Telefunken SI2366DS Datasheet HTML 8Page - Vishay Telefunken SI2366DS Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si2366DS
Document Number: 67509
S11-0612-Rev. A, 04-Apr-11
www.vishay.com
1
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 30 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
DC/DC Converters, High Frequency Switching
Load Switch
Portable and Consumer Applications
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
30
0.036 at VGS = 10 V
5.8
3.2 nC
0.042 at VGS = 4.5 V
5.4
Marking Code
H6
XXX
Lot Traceability
and Date Code
Part # Code
Ordering Information: Si2366DS-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G
D
S
G
S
D
Top View
2
3
SOT-23
1
(3)
(2)
(1)
Notes:
a. Based on TC = 25 °C
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 125 °C/W.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
5.8a
A
TC = 70 °C
4.7
TA = 25 °C
4.5b, c
TA = 70 °C
3.6b, c
Pulsed Drain Current (t = 300 µs)
IDM
20
Continuous Source-Drain Diode Current
TC = 25 °C
IS
1.75
TA = 25 °C
1.04b, c
Maximum Power Dissipation
TC = 25 °C
PD
2.1
W
TC = 70 °C
1.3
TA = 25 °C
1.25b, c
TA = 70 °C
0.8b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 5 s
RthJA
80
100
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
40
60


유사한 부품 번호 - SI2366DS

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2366DS VISHAY-SI2366DS Datasheet
236Kb / 10P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 04-Apr-11
logo
Guangdong Kexin Industr...
SI2366DS KEXIN-SI2366DS Datasheet
1Mb / 5P
   N-Channel MOSFET
logo
Vishay Siliconix
SI2366DS VISHAY-SI2366DS Datasheet
206Kb / 9P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
logo
Guangdong Kexin Industr...
SI2366DS-HF KEXIN-SI2366DS-HF Datasheet
1Mb / 5P
   N-Channel MOSFET
logo
Vishay Siliconix
SI2366DS-T1-GE3 VISHAY-SI2366DS-T1-GE3 Datasheet
206Kb / 9P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI2366DS

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com