전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4134DY 데이터시트(PDF) 5 Page - Vishay Telefunken

부품명 SI4134DY
상세설명  N-Channel 30 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4134DY 데이터시트(HTML) 5 Page - Vishay Telefunken

  SI4134DY Datasheet HTML 1Page - Vishay Telefunken SI4134DY Datasheet HTML 2Page - Vishay Telefunken SI4134DY Datasheet HTML 3Page - Vishay Telefunken SI4134DY Datasheet HTML 4Page - Vishay Telefunken SI4134DY Datasheet HTML 5Page - Vishay Telefunken SI4134DY Datasheet HTML 6Page - Vishay Telefunken SI4134DY Datasheet HTML 7Page - Vishay Telefunken SI4134DY Datasheet HTML 8Page - Vishay Telefunken SI4134DY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Si4134DY
www.vishay.com
Vishay Siliconix
S15-2154-Rev. D, 07-Sep-15
5
Document Number: 68999
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Current Derating a
Power, Junction-to-Foot
Power Derating, Junction-to-Ambient
Note
a. The power dissipation PD is based on TJ (max.) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the
package limit.
TC - Case Temperature (°C)
0.0
3.2
6.4
9.6
12.8
16.0
0
25
50
75
100
125
150
0.0
1.2
2.4
3.6
4.8
6.0
0
25
50
75
100
125
150
TC - Case Temperature (°C)
0.0
0.4
0.8
1.2
1.6
2.0
0
25
50
75
100
125
150
TA - Ambient Temperature (°C)


유사한 부품 번호 - SI4134DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4134DY VISHAY-SI4134DY Datasheet
124Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
SHENZHEN DOINGTER SEMIC...
SI4134DY DOINGTER-SI4134DY Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Vishay Siliconix
SI4134DY VISHAY-SI4134DY Datasheet
241Kb / 9P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI4134DY-T1-E3 VISHAY-SI4134DY-T1-E3 Datasheet
254Kb / 10P
   N-Channel 30 V (D-S) MOSFET
Rev. C, 11-Apr-11
logo
VBsemi Electronics Co.,...
SI4134DY-T1-E3 VBSEMI-SI4134DY-T1-E3 Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
More results

유사한 설명 - SI4134DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com