전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4162DY 데이터시트(PDF) 5 Page - Vishay Telefunken

부품명 SI4162DY
상세설명  N-Channel 30-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4162DY 데이터시트(HTML) 5 Page - Vishay Telefunken

  SI4162DY Datasheet HTML 1Page - Vishay Telefunken SI4162DY Datasheet HTML 2Page - Vishay Telefunken SI4162DY Datasheet HTML 3Page - Vishay Telefunken SI4162DY Datasheet HTML 4Page - Vishay Telefunken SI4162DY Datasheet HTML 5Page - Vishay Telefunken SI4162DY Datasheet HTML 6Page - Vishay Telefunken SI4162DY Datasheet HTML 7Page - Vishay Telefunken SI4162DY Datasheet HTML 8Page - Vishay Telefunken SI4162DY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 68967
S-82621-Rev. A, 03-Nov-08
www.vishay.com
5
Vishay Siliconix
Si4162DY
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
TC - Case Temperature (°C)
0
5
10
15
20
25
0
25
50
75
100
125
150
Power, Junction-to-Case
TC - Case Temperature (°C)
0.0
1.5
3.0
4.5
6.0
0
25
50
75
100
125
150
Power, Junction-to-Ambient
TA -Ambient Temperature (°C)
0.0
0.4
0.8
1.2
1.6
2.0
0
25
50
75
100
125
150


유사한 부품 번호 - SI4162DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4162DY VISHAY-SI4162DY Datasheet
126Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 03-Nov-08
SI4162DY VISHAY-SI4162DY Datasheet
203Kb / 9P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI4162DY-T1-GE3 VISHAY-SI4162DY-T1-GE3 Datasheet
261Kb / 10P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 03-Nov-08
SI4162DY VISHAY-SI4162DY_V01 Datasheet
203Kb / 9P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI4162DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com