전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4214DDY 데이터시트(PDF) 2 Page - Vishay Telefunken

부품명 SI4214DDY
상세설명  Dual N-Channel 30 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4214DDY 데이터시트(HTML) 2 Page - Vishay Telefunken

  SI4214DDY Datasheet HTML 1Page - Vishay Telefunken SI4214DDY Datasheet HTML 2Page - Vishay Telefunken SI4214DDY Datasheet HTML 3Page - Vishay Telefunken SI4214DDY Datasheet HTML 4Page - Vishay Telefunken SI4214DDY Datasheet HTML 5Page - Vishay Telefunken SI4214DDY Datasheet HTML 6Page - Vishay Telefunken SI4214DDY Datasheet HTML 7Page - Vishay Telefunken SI4214DDY Datasheet HTML 8Page - Vishay Telefunken SI4214DDY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 65022
S11-2041-Rev. C, 17-Oct-11
Vishay Siliconix
Si4214DDY
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
3
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
ID = 250 µA
- 5.2
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.2
2.5
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS = 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 8 A
0.016
0.0195
VGS = 4.5 V, ID = 5 A
0.019
0.023
Forward Transconductancea
gfs
VDS = 15 V, ID = 8 A
27
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, ID = 1 MHz
660
pF
Output Capacitance
Coss
140
Reverse Transfer Capacitance
Crss
86
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 8 A
14.5
22
nC
VDS = 15 V, VGS = 4.5 V, ID = 8 A
7.1
11
Gate-Source Charge
Qgs
1.9
Gate-Drain Charge
Qgd
2.7
Gate Resistance
Rg
f = 1 MHz
0.5
2.6
5.2
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 3 
ID  5 A, VGEN = 4.5 V, Rg = 1 
14
28
ns
Rise Time
tr
45
80
Turn-Off Delay Time
td(off)
18
35
Fall Time
tf
12
24
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 3 
ID  5 A, VGEN = 10 V, Rg = 1 
714
Rise Time
tr
10
20
Turn-Off Delay Time
td(off)
15
30
Fall Time
tf
714
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
2.8
A
Pulse Diode Forward Currenta
ISM
30
Body Diode Voltage
VSD
IS = 2 A
0.77
1.1
V
Body Diode Reverse Recovery Time
trr
IF = 5 A, dI/dt = 100 A/µs, TJ = 25 °C
17
34
ns
Body Diode Reverse Recovery Charge
Qrr
918
nC
Reverse Recovery Fall Time
ta
10
nS
Reverse Recovery Rise Time
tb
7


유사한 부품 번호 - SI4214DDY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4214DDY VISHAY-SI4214DDY Datasheet
249Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 14-Sep-09
SI4214DDY VISHAY-SI4214DDY Datasheet
201Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI4214DDY-T1-E3 VISHAY-SI4214DDY-T1-E3 Datasheet
189Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
logo
VBsemi Electronics Co.,...
SI4214DDY-T1-E3 VBSEMI-SI4214DDY-T1-E3 Datasheet
1Mb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI4214DDY-T1-E3 VISHAY-SI4214DDY-T1-E3 Datasheet
188Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI4214DDY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com